Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LW-T6SC Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LW-T6SC
Description  white PLCC-2 package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-T6SC Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LW-T6SC Datasheet HTML 2Page - OSRAM GmbH LW-T6SC Datasheet HTML 3Page - OSRAM GmbH LW-T6SC Datasheet HTML 4Page - OSRAM GmbH LW-T6SC Datasheet HTML 5Page - OSRAM GmbH LW-T6SC Datasheet HTML 6Page - OSRAM GmbH LW-T6SC Datasheet HTML 7Page - OSRAM GmbH LW-T6SC Datasheet HTML 8Page - OSRAM GmbH LW-T6SC Datasheet HTML 9Page - OSRAM GmbH LW-T6SC Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2013-12-05
6
Version 3.0 (not for new design)
LW T6SC
Color Chromaticity Groups 3) page 22
Farbortgruppen 3) Seite 22
Chromaticity Coordinate Groups 3) page 22
Farbortgruppen 3) Seite 22
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
3K
0.2660
0.2320
7K
0.3300
0.3100
5L
0.2850
0.2790
0.2730
0.2270
0.3300
0.3300
0.2910
0.2680
0.2800
0.2520
0.3380
0.3420
0.3070
0.3120
0.2860
0.2440
0.3520
0.3440
0.3100
0.2970
4K
0.2800
0.2520
8K
0.3380
0.3420
6L
0.3070
0.3120
0.2860
0.2440
0.3520
0.3440
0.3100
0.2970
0.2910
0.2680
0.3600
0.3570
0.3300
0.3300
0.2960
0.2590
0.3640
0.3800
0.3300
0.3470
5K
0.2910
0.2680
3L
0.2580
0.2390
7L
0.3300
0.3300
0.2960
0.2590
0.2660
0.2320
0.3300
0.3470
0.3100
0.2970
0.2730
0.2610
0.3450
0.3520
0.3130
0.2840
0.2800
0.2520
0.3470
0.3710
OHA08327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
510
500
490
480
470
450
460
0.20
+
E
Cy
Cx
Cx
Cy
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.21
0.23
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
3K
4K
5K
6K
7K
8K
3L
4L
5L
6L
7L
8L
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com