Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1LP0408CSB-7LC Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R1LP0408CSB-7LC
Description  4M SRAM (512-kword 횞 8-bit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LP0408CSB-7LC Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R1LP0408CSB-7LC Datasheet HTML 6Page - Renesas Technology Corp R1LP0408CSB-7LC Datasheet HTML 7Page - Renesas Technology Corp R1LP0408CSB-7LC Datasheet HTML 8Page - Renesas Technology Corp R1LP0408CSB-7LC Datasheet HTML 9Page - Renesas Technology Corp R1LP0408CSB-7LC Datasheet HTML 10Page - Renesas Technology Corp R1LP0408CSB-7LC Datasheet HTML 11Page - Renesas Technology Corp R1LP0408CSB-7LC Datasheet HTML 12Page - Renesas Technology Corp R1LP0408CSB-7LC Datasheet HTML 13Page - Renesas Technology Corp R1LP0408CSB-7LC Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
R1LP0408C-C Series
Rev.2.00, May.26.2004, page 12 of 12
Low VCC Data Retention Characteristics
(Ta =
−20 to +70°C)
Parameter
Symbol
Min Typ
Max Unit Test conditions*
3
VCC for data retention
VDR
2
V
CS#
≥ VCC − 0.2 V, Vin ≥ 0 V
to +70
°C
ICCDR
8
µA
VCC = 3.0 V, Vin
≥ 0 V
to +40
°C
ICCDR
1.0*
2
3
µA
CS#
≥ VCC − 0.2 V
−5SC
to +25
°C
ICCDR
0.8*
1
3
µA
to +70
°C
ICCDR
16
µA
to +40
°C
ICCDR
1.0*
2
10
µA
Data
retention
current
−7LC
to +25
°C
ICCDR
0.8*
1
10
µA
Chip deselect to data retention time
tCDR
0
ns
See retention waveform
Operation recovery time
tR
tRC*
4
ns
Notes: 1. Typical values are at VCC = 3.0 V, Ta = +25
°C and specified loading, and not guaranteed.
2. Typical values are at VCC = 3.0 V, Ta = +40
°C and specified loading, and not guaranteed.
3. CS# controls address buffer, WE# buffer, OE# buffer, and Din buffer. In data retention mode,
Vin levels (address, WE#, OE#, I/O) can be in the high impedance state.
4. tRC = read cycle time.
Low VCC Data Retention Timing Waveform (CS# Controlled)
V
CC
4.5 V
2.2 V
0 V
CS#
t
CDR
t
R
CS#
≥ V
CC – 0.2 V
V
DR
Data retention mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com