Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6443 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6443
Description  300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6443 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6443 Datasheet HTML 9Page - Renesas Technology Corp ISL6443 Datasheet HTML 10Page - Renesas Technology Corp ISL6443 Datasheet HTML 11Page - Renesas Technology Corp ISL6443 Datasheet HTML 12Page - Renesas Technology Corp ISL6443 Datasheet HTML 13Page - Renesas Technology Corp ISL6443 Datasheet HTML 14Page - Renesas Technology Corp ISL6443 Datasheet HTML 15Page - Renesas Technology Corp ISL6443 Datasheet HTML 16Page - Renesas Technology Corp ISL6443 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ISL6443
FN9044 Rev 2.00
Page 13 of 18
Aug 9, 2006
where, IOC is the desired overcurrent protection threshold,
and RCS is a value of the current sense resistor connected
to the ISENx pin. If an overcurrent is detected for 2
consecutive clock cycles then the IC enters a hiccup mode
by turning off the gate drivers and entering into soft-start.
The IC will cycle 2 times through soft-start before trying to
restart. The IC will continue to cycle through soft-start until
the overcurrent condition is removed. Hiccup mode is active
during soft-start so care must be taken to ensure that the
peak inductor current does not exceed the overcurrent
threshold during soft-start.
Because of the nature of this current sensing technique, and
to accommodate a wide range of rDS(ON) variations, the
value of the overcurrent threshold should represent an
overload current about 150% to 180% of the maximum
operating current. If more accurate current protection is
desired place a current sense resistor in series with the
lower MOSFET source.
Over-Temperature Protection
The IC incorporates an over-temperature protection circuit
that shuts the IC down when a die temperature of 150°C is
reached. Normal operation resumes when the die
temperatures drops below 130°C through the initiation of a
full soft-start cycle.
Implementing Synchronization
The SYNC pin may be used to synchronize two or more
controllers. When the SYNC pins of two controllers are
connected together, one controller becomes the master and
the other controller synchronizes to the master. A pull-down
resistor is required and must be sized to provide a low
enough time constant to pass the SYNC pulse. Connect this
pin to VCC_5V if not used. Figure 16 shows the SYNC pin
waveform operating at 16 times the switching frequency.
Feedback Loop Compensation
To reduce the number of external components and to simplify
the process of determining compensation components, both
PWM controllers have internally compensated error
amplifiers. To make internal compensation possible several
design measures were taken.
First, the ramp signal applied to the PWM comparator is
proportional to the input voltage provided via the VIN pin.
This keeps the modulator gain constant with variation in the
input voltage. Second, the load current proportional signal is
derived from the voltage drop across the lower MOSFET
during the PWM time interval and is subtracted from the
amplified error signal on the comparator input. This creates
an internal current control loop. The resistor connected to
the ISEN pin sets the gain in the current feedback loop. The
following expression estimates the required value of the
current sense resistor depending on the maximum operating
load current and the value of the MOSFET’s rDS(ON).
Choosing RCS to provide 32µA of current to the current
sample and hold circuitry is recommended but values down
to 2µA and up to 100µA can be used.
Due to the current loop feedback, the modulator has a single
pole response with -20dB slope at a frequency determined
by the load.
where RO is load resistance and CO is load capacitance. For
this type of modulator, a Type 2 compensation circuit is
usually sufficient.
Figure 17 shows a Type 2 amplifier and its response along
with the responses of the current mode modulator and the
converter. The Type 2 amplifier, in addition to the pole at
origin, has a zero-pole pair that causes a flat gain region at
frequencies in between the zero and the pole.
FIGURE 16. SYNC WAVEFORM
RCS
IMAX
 R
DS ON


32
A
-------------------------------------------------
FPO
1
2
 R
O CO

---------------------------------
=
FZ
1
2
 R
2 C1

-------------------------------
6kHz
==
FP
1
2
 R
1 C2

-------------------------------
600kHz
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com