Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6594ACRZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6594ACRZ
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6594ACRZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6594ACRZ Datasheet HTML 1Page - Renesas Technology Corp ISL6594ACRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6594ACRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6594ACRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6594ACRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6594ACRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6594ACRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6594ACRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6594ACRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL6594A, ISL6594B
FN9157 Rev 6.00
Page 2 of 11
Sep 11, 2015
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL6594ACRZ* (Note)
94AZ
0 to +85
10 Ld 3x3 DFN
L10.3x3
ISL6594BCBZ* (Note)
(No longer available, recommended replacement: ISL6594ACRZ-T)
6594 BCBZ
0 to +85
8 Ld SOIC
M8.15
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Pinouts
ISL6594ACB, ISL6594BCB
(8 LD SOIC)
TOP VIEW
ISL6594ACR, ISL6594BCR
(10 LD 3x3 DFN)
TOP VIEW
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
PVCC
VCC
LGATE
NO
LO
NG
ER
AV
AI
LA
BL
E
OR
SU
PP
OR
TE
D
2
3
4
1
5
9
8
7
10
6
UGATE
BOOT
N/C
PWM
GND
PHASE
PVCC
N/C
VCC
LGATE
Block Diagram
ISL6594A AND ISL6594B
PVCC
VCC
PWM
+5V
13.6k
6.4k
BOOT
UGATE
PHASE
LGATE
GND
FOR DFN -DEVICES, THE PAD ON THE BOTTOM SIDE OF
PAD
THE PACKAGE MUST BE SOLDERED TO THE CIRCUIT’S GROUND.
UVCC = VCC FOR ISL6594A
CONTROL
LOGIC
POR/
SHOOT-
THROUGH
PROTECTION
PRE-POR OVP
(LVCC)
UVCC = PVCC FOR ISL6594B
UVCC
FEATURES



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com