Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6596CBZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL6596CBZ
Description  Synchronous Rectified MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6596CBZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6596CBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6596CBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6596CBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6596CBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6596CBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6596CBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6596CBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6596CBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6596CBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL6596
FN9240 Rev.3.00
Page 3 of 13
May 30, 2018
Pinouts
Ordering Information
PART NUMBER
(Notes 2, 3)
PART MARKING
TEMP RANGE
(°C)
TAPE AND REEL
(UNITS) (Note 1)
PACKAGE
(RoHS COMPLIANT)
PKG. DWG. #
ISL6596CBZ
(No longer available, recommended
replacement: ISL6596CRZ)
6596 CBZ
0 to +70
-
8 Ld SOIC
M8.15
ISL6596CRZ
596Z
0 to +70
-
10 Ld 3x3 DFN
L10.3x3C
ISL6596CRZ-T
596Z
0 to +70
6k
10 Ld 3x3 DFN
L10.3x3C
ISL6596IBZ (No longer available,
recommended replacement:
ISL6596IRZ)
6596 IBZ
-40 to +85
-
8 Ld SOIC
M8.15
ISL6596IRZ
96IZ
-40 to +85
-
10 Ld 3x3 DFN
L10.3x3C
ISL6596IRZ-T
96IZ
-40 to +85
6k
10 Ld 3x3 DFN
L10.3x3C
1. Refer to TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), refer to the ISL6596 product information page. For more information about MSL, see TB363.
8 LD SOIC
TOP VIEW
10 LD DFN
TOP VIEW
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
VCTRL
VCC
LGATE
NO
LO
NG
ER
AV
AI
LA
BL
E O
R
SU
PP
OR
TE
D
UGATE
BOOT
N/C
PWM
PHASE
VCTRL
N/C
VCC
GND
LGATE
2
3
4
1
5
9
8
7
10
6
Functional Pin Descriptions
PIN NUMBER (Note 4)PIN NAME
DESCRIPTION
1
UGATE
Upper gate drive output. Connect to the gate of the high-side N-Channel power MOSFET. A gate resistor
is never recommended on this pin because it interferes with the operation shoot-through protection
circuitry.
2
BOOT
Floating bootstrap supply pin for the upper gate drive. Connect a bootstrap capacitor between this pin
and the PHASE pin. The bootstrap capacitor provides the charge used to turn on the upper MOSFET.
See “Bootstrap Considerations” on page 7 for information about choosing the appropriate capacitor
value.
3, 8
N/C
Do not connect.
4
PWM
Driver control input. The PWM signal can enter three distinct states during operation. See “PWM Input and
Threshold Control” on page 7 for more information. Connect this pin to the controller PWM output.
5
GND
Ground pin. All signals are referenced to this node.
6
LGATE
Lower gate drive output. Connect to the gate of the low side N-Channel power MOSFET. A gate resistor
is never recommended on this pin because it interferes with the operation shoot-through protection
circuitry.
7
VCC
Connect this pin to a +5V bias supply. Bypass locally to ground with a high quality ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com