Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2617H Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2617H
Description  Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617H Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2617H Datasheet HTML 17Page - Monolithic Power Systems MP2617H Datasheet HTML 18Page - Monolithic Power Systems MP2617H Datasheet HTML 19Page - Monolithic Power Systems MP2617H Datasheet HTML 20Page - Monolithic Power Systems MP2617H Datasheet HTML 21Page - Monolithic Power Systems MP2617H Datasheet HTML 22Page - Monolithic Power Systems MP2617H Datasheet HTML 23Page - Monolithic Power Systems MP2617H Datasheet HTML 24Page - Monolithic Power Systems MP2617H Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
MP2617H
– SINGLE-CELL SWITCHING CHARGER WITH NVDC POWER PATH
MP2617H Rev. 1.03
www.MonolithicPower.com
21
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Additionally, if the input source is removed, the
MP2617H
turns
on
the
40m
Ω MOSFET,
allowing the battery to power the system load to
maintain the operation of the portable device.
Operation Flow Chart
Figure 5 shows the operation flow chart of the
MP2617H.
Figure
6
shows
the
operation
process.
VIN>3.0V?
POR
Chip Enable?
No
Enable BG
Yes,
POR="0"
Yes
BGOK="1"
BGOK="0"
No,
POR="1"
Enable VREF LDO
VIN>VIN_UVLO (VTH)?
Yes,
UVLO="0"
No,
UVLO="1"
VIN>VBATT+280mV?
Yes
Enable DC-DC
DC-DC soft starts
VSYS_REF=max(VBATT+
200mV,3.6V
DC-DC starts ready?
Enable Battery
Charger
VSYS>VBATT ?
ISET OK?
Battery power
system switch
turns off
Yes
No
Yes
No
VBATT>VBATT_UVLO?
Yes
System shuts down
No power to system
Battery power system
Enable discharge limit
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com