Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEF22504HT Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # PEF22504HT
Description  Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF22504HT Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button PEF22504HT Datasheet HTML 8Page - Infineon Technologies AG PEF22504HT Datasheet HTML 9Page - Infineon Technologies AG PEF22504HT Datasheet HTML 10Page - Infineon Technologies AG PEF22504HT Datasheet HTML 11Page - Infineon Technologies AG PEF22504HT Datasheet HTML 12Page - Infineon Technologies AG PEF22504HT Datasheet HTML 13Page - Infineon Technologies AG PEF22504HT Datasheet HTML 14Page - Infineon Technologies AG PEF22504HT Datasheet HTML 15Page - Infineon Technologies AG PEF22504HT Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 255 page
background image
QuadLIU
TM
PEF 22504
Introduction
Data Sheet
12
Rev. 1.3, 2006-01-25
1
Introduction
The QuadLIU
TM is the latest addition to Infineon’s family of sophisticated E1/T1/J1 Line interface Components.
This monolithic four channel device is designed to fulfill all required interfacing between four analog E1/T1/J1 lines
and four digital framer interfaces for world market telecommunication systems.
The device is supplied in P/PG-LBGA-160-1 package (P/PG-LBGA-160-1 is RoHS compliant) and in a PG-TQFP-
144-17 package, and is designed to minimize the number of external components required, so reducing system
costs and board space.
Due to its multitude of implemented functions, it fits to a wide range of networking applications and fulfills the
according international standards.
Crystal-less jitter attenuation with only one master clock source reduces the amount of required external
components.
Equipped with a flexible microprocessor interface, a SCI and a SPI interface, it connects to various control
processor environment. A standard boundary scan interface is provided to support board level testing. LBGA
device packaging, minimum number of external components and low power consumption lead to reduced overall
system costs.
The QuadLIU
TM is not hardware and software compatibel to older versions!
Other members of the FALC
® family are the OctalLIUTM supporting eight line interface components on a single
chip, the OctalFALC
TM and the QuadFALC® E1/T1/J1 Framer And Line interface Components for long-haul and
short-haul applications, supporting 8 or 4 channels on a single chip respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com