Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VIBAMD-IL Datasheet(PDF) 3 Page - Vicor Corporation

Part # VIBAMD-IL
Description  High-Boost Harmonic Attenuation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIBAMD-IL Datasheet(HTML) 3 Page - Vicor Corporation

  VIBAMD-IL Datasheet HTML 1Page - Vicor Corporation VIBAMD-IL Datasheet HTML 2Page - Vicor Corporation VIBAMD-IL Datasheet HTML 3Page - Vicor Corporation VIBAMD-IL Datasheet HTML 4Page - Vicor Corporation VIBAMD-IL Datasheet HTML 5Page - Vicor Corporation VIBAMD-IL Datasheet HTML 6Page - Vicor Corporation VIBAMD-IL Datasheet HTML 7Page - Vicor Corporation VIBAMD-IL Datasheet HTML 8Page - Vicor Corporation VIBAMD-IL Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VI-HAM™, VE-HAM™
Rev 2.7
Page 3 of 10
08/2017
VxHAMxL
Parameter
Min
Typ
Max
Unit
Notes
Size
4.6 x 2.4 x 0.5
in
(116,8 x 61,0 x 12,7)
(mm)
Weight
6.4 (180)
oz (g)
Pin material
Solder plate
over copper alloy
Cover material
GE ULtem 2100 black
#7310 UL94-VO rated
Thermal shut down
90
100
°C
Baseplate temperature
MTBF
HAM
420,000
hrs
GB, 25°C
HAMD
424,000
hrs
GB, 25°C
BAMD
818,000
hrs
GB, 25°C
Parameter
Min
Typ
Max
Unit
Notes
Isolation (IN to OUT)
None
Isolation provided by DC-DC converters
Dielectric withstand
2,121
VDC
Baseplate earthed
(I/O to baseplate)
Capacitance
150
pF
Input to baseplate
Safety Standards
Markings
Notes
UL60950-1, EN60950-1, CSA 60950-1
cTÜVus, cURus
CE Marked
Low Voltage Directive
Parameter
Standard
Notes
Transient / surge immunity
EN61000-4-5
1kV L-N, 2kV L-PE, 30205 filter and 30076 MOV
Line disturbance / immunity
EN61000-4-11
Main’s interruption or brown out
Flicker / inrush
EN61000-3-3
20A peak inrush at 230VAC input
Harmonic current
EN61000-3-2
7.5% THD
ELECTROMAGNETIC COMPATIBILITY
GENERAL SPECIFICATIONS
AGENCY APPROVALS
SAFETY SPECIFICATIONS
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com