Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP6507 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6507
Description  2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6507 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6507 Datasheet HTML 3Page - Monolithic Power Systems MP6507 Datasheet HTML 4Page - Monolithic Power Systems MP6507 Datasheet HTML 5Page - Monolithic Power Systems MP6507 Datasheet HTML 6Page - Monolithic Power Systems MP6507 Datasheet HTML 7Page - Monolithic Power Systems MP6507 Datasheet HTML 8Page - Monolithic Power Systems MP6507 Datasheet HTML 9Page - Monolithic Power Systems MP6507 Datasheet HTML 10Page - Monolithic Power Systems MP6507 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MP6507 –2.7V-TO-15V, 700mA, STEPPER MOTOR DRIVER
MP6507 Rev. 1.05
www.MonolithicPower.com
7
4/30/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the Design Example section.
IOUT=500mA, FSTEP=100Hz, Stepper Motor: L=2mH, R=10Ω, TA=25°C, unless otherwise noted.
AIN1
2V/div.
AOUT1
10V/div.
AOUT2
10V/div.
IOUTA
500mA/div.
AIN1
2V/div.
AOUT1
10V/div.
AOUT2
10V/div.
IOUTA
500mA/div.
AIN1
2V/div.
AOUT1
10V/div.
AOUT2
10V/div.
IOUTA
500mA/div.
AIN1
2V/div.
AOUT1
10V/div.
AOUT2
10V/div.
IOUTA
500mA/div.
SLEEP
5V/div.
AOUT1
5V/div.
AOUT2
5V/div.
IOUTA
500mA/div.
SLEEP
5V/div.
AOUT1
5V/div.
AOUT2
5V/div.
IOUTA
500mA/div.
SLEEP
5V/div.
AOUT1
5V/div.
AOUT2
5V/div.
IOUTA
500mA/div.
SLEEP
5V/div.
AOUT1
5V/div.
AOUT2
5V/div.
IOUTA
500mA/div.
Steady State-Full Step
VIN=15V
Steady State-Half Step
VIN=15V
Power Ramp Up-Full Step
VIN=15V
Power Ramp Up-Half Step
VIN=15V
Sleep Entry-Full Step
VIN=9V
Sleep Recovery-Full Step
VIN=9V
Sleep Entry-Half Step
VIN=9V
Sleep Recovery-Half Step
VIN=9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com