Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8016 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL8016
Description  6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8016 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL8016 Datasheet HTML 9Page - Renesas Technology Corp ISL8016 Datasheet HTML 10Page - Renesas Technology Corp ISL8016 Datasheet HTML 11Page - Renesas Technology Corp ISL8016 Datasheet HTML 12Page - Renesas Technology Corp ISL8016 Datasheet HTML 13Page - Renesas Technology Corp ISL8016 Datasheet HTML 14Page - Renesas Technology Corp ISL8016 Datasheet HTML 15Page - Renesas Technology Corp ISL8016 Datasheet HTML 16Page - Renesas Technology Corp ISL8016 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ISL8016
FN7616 Rev 1.00
Page 13 of 22
May 5, 2011
FIGURE 23. SOFT-START AT NO LOAD (PFM)
FIGURE 24. SOFT-START WITH PRE-BIASED 1V
FIGURE 25. SOFT-START AT FULL LOAD
FIGURE 26. SOFT-DISCHARGE SHUTDOWN
FIGURE 27. STEADY STATE OPERATION AT NO LOAD WITH
FREQUENCY = 2MHz
FIGURE 28. STEADY STATE OPERATION AT FULL LOAD WITH
FREQUENCY = 2MHz
Typical Operating Performance Unless otherwise noted, operating conditions are: T
A = +25°C, VIN = 5V,
EN = 3.3V, SYNCIN = VIN, L = 1.0µH, C1 =2x22µF, C2 = 4x22µF, VOUT = 1.8V, IOUT = 0A to 6A. (Continued)
EN 2V/DIV
VOUT 1V/DIV
IL 1A/DIV
PG 5V/DIV
EN 2V/DIV
VOUT 1V/DIV
IL 1A/DIV
PG 5V/DIV
EN 2V/DIV
VOUT 1V/DIV
IL 2A/DIV
PG 5V/DIV
EN 2V/DIV
VOUT 1V/DIV
IL 1A/DIV
PG 5V/DIV
PHASE 5V/DIV
IL 0.5A/DIV
SYNC 5V/DIV
VOUT RIPPLE 20mV/DIV
PHASE 5V/DIV
IL 2A/DIV
SYNC 5V/DIV
VOUT RIPPLE 20mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com