Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8200AMMRZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL8200AMMRZ
Description  Complete Current Share 10A DC/DC Power Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMRZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL8200AMMRZ Datasheet HTML 9Page - Renesas Technology Corp ISL8200AMMRZ Datasheet HTML 10Page - Renesas Technology Corp ISL8200AMMRZ Datasheet HTML 11Page - Renesas Technology Corp ISL8200AMMRZ Datasheet HTML 12Page - Renesas Technology Corp ISL8200AMMRZ Datasheet HTML 13Page - Renesas Technology Corp ISL8200AMMRZ Datasheet HTML 14Page - Renesas Technology Corp ISL8200AMMRZ Datasheet HTML 15Page - Renesas Technology Corp ISL8200AMMRZ Datasheet HTML 16Page - Renesas Technology Corp ISL8200AMMRZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ISL8200AM
FN8271 Rev.7.00
Page 13 of 25
Apr 27, 2018
Applications Information
Programming the Output Voltage (RSET)
The ISL8200AM has an internal 0.6V ±0.7% reference voltage.
Programming the output voltage requires a dividing resistor
(RSET) between the VOUT_SET pin and the VOUT regulation point.
The output voltage can be calculated as shown in Equation 1:
Note: The ISL8200AM has integrated 2.2kΩ resistances into the
module dividing resistor for the bottom side (ROS). The
resistances for different output voltages in single-phase
operation are listed in Table 1.
The output voltage accuracy can be improved by maintaining the
impedance at VOUTSET (internal VSEN1+) at or below 1kΩ
effective impedance. Note: The impedance between VSEN1+ and
VSEN1- is about 500kΩ.
The module has a minimum input voltage at a given output
voltage, which needs to be a minimum of 1.43 times the output
voltage if operating at fSW = 700kHz switching frequency. This is
due to the minimum PWM OFF time (tMIN-OFF).
The equations to determine the minimum PVIN to support the
required VOUT are given by Equations 2 and 3; it is recommended
to add 0.5V to the result to account for temperature variations.
tSW = switching period = 1/fSW
for the 700kHz switching frequency = 1428ns
For 3.3V input voltage operation, the VIN voltage is
recommended to be 5V for sufficient gate drive voltage. This can
be accomplished by using a voltage greater than or equal to 5V
on VIN, or directly connecting the 5V source to both VIN and PVCC.
VIN is the input to the internal LDO that powers the control
circuitry while PVCC is the output of the aforementioned LDO.
PVIN is the power input to the power stage. Figure 22 shows a
scenario in which the power stage is running at 3.3V and the
control circuitry is running at 5V; keep in mind that the PVCC pin
is also at 5V to ensure that the LDO is not functioning. Figure 23
shows a setup in which both the control circuitry and the power
stage is at a 5V rail. It is imperative to not cross 5.5V in this setup
as that is the voltage limit on the PVCC pin. Figure 24 is a more
general setup and can accommodate VIN ranges up to 20V; PVCC
is not tied to VIN and hence the control circuitry is powered by the
internal LDO.
The circuit shown in Figure 25 ensures proper start-up by
injecting current into the ISHARE line until all phases are ready to
start regulating.
TABLE 1. VOUT - RSET
VOUT (V)
0.6
0.8
1.0
1.2
RSET (Ω)
0
732
1.47k
2.2k
VOUT (V)
1.5
1.8
2.0
2.5
RSET (Ω)
3.32k
4.42k
5.11k
6.98k
VOUT (V)
3.3
5.0
6.0
RSET (Ω)
10k
16.2k
20k
VOUT
0.6
1
RSET
ROS
---------------
+



=
(EQ. 1)
PVIN_MIN
VOUT tSW
tSW tMIN_OFF
–
------------------------------------------
=
(EQ. 2)
PVIN_MIN
1.43 VOUT
=
(EQ. 3)
FIGURE 22. 3.3V OPERATION
VIN = 5.0V
VOUT
RSET
5k
EN
VOUT_SET
VSEN_REM-
PVIN
ISL8200AM
POWER MODULE
VIN
VOUT
ISHARE
PGND1
FF
VEN
PVCC = 5.0V
10µF
PVIN = 3.3V
VIN = 5.0V
VOUT
RSET
10µF
5k
EN
VOUT_SET
VSEN_REM-
PVIN
ISL8200AM
POWER MODULE
VIN
VOUT
ISHARE
PGND1
FF
VEN
PVCC = VIN
DO NOT CROSS 5.5V
FIGURE 23. 5V OPERATION
VIN = 5V-20V
VOUT
RSET
10µF
5k
EN
VOUT_SET
VSEN_REM-
PVIN
ISL8200AM
POWER MODULE
VIN
VOUT
ISHARE
PGND1
FF
VEN
FIGURE 24. 5V TO 20V OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com