Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8271M Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ISL8271M
Description  Digital DC/DC PMBus 33A Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8271M Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ISL8271M Datasheet HTML 35Page - Renesas Technology Corp ISL8271M Datasheet HTML 36Page - Renesas Technology Corp ISL8271M Datasheet HTML 37Page - Renesas Technology Corp ISL8271M Datasheet HTML 38Page - Renesas Technology Corp ISL8271M Datasheet HTML 39Page - Renesas Technology Corp ISL8271M Datasheet HTML 40Page - Renesas Technology Corp ISL8271M Datasheet HTML 41Page - Renesas Technology Corp ISL8271M Datasheet HTML 42Page - Renesas Technology Corp ISL8271M Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
ISL8271M
FN8636 Rev.4.00
Page 39 of 57
Aug 17, 2017
STATUS_TEMP (7Dh)
Definition: Returns one byte of information with a summary of any temperature related faults or warnings.
Data Length in Bytes: 1
Data Format: BIT
Type: Read only
Default Value: 00h
Units: N/A
STATUS_CML (7Eh)
Definition: Returns one byte of information with a summary of any Communications, Logic and/or Memory errors.
Data Length in Bytes: 1
Data Format: BIT
Type: Read only
Default Value: 00h
Units: N/A
STATUS_MFR_SPECIFIC (80h)
Definition: Returns one byte of information providing the status of the device's voltage monitoring and clock synchronization faults.
VDRV OV/UV warnings are set at ±10% of the VMON_FAULT commands.
Data Length in Bytes: 1
Data Format: BIT
Type: Read only
Default value: 00h
Units: N/A
BIT NUMBER
STATUS BIT NAME
MEANING
7
OT_FAULT
An over-temperature fault has occurred.
6
OT_WARNING
An over-temperature warning has occurred.
5
UT_WARNING
An under-temperature warning has occurred.
4
UT_FAULT
An under-temperature fault has occurred.
3:0
N/A
These bits are not used.
BIT NUMBER
MEANING
7
Invalid or unsupported PMBus command was received.
6
The PMBus command was sent with invalid or unsupported data.
5
packet error was detected in the PMBus command.
4:2
Not Used.
1
A PMBus command tried to write to a read only or protected command, or a communication fault other than the ones listed in
this table has occurred.
0Not Used.
BIT NUMBER
FIELD NAME
MEANING
7:6
Reserved
5
VMON UV Warning
The voltage on the VMON pin has dropped 10% above the level set by
MFR_VMON_UV_FAULT_LIMIT.
4
VMON OV Warning
The voltage on the VMON pin has risen 10% below the level set by
MFR_VMON_OV_FAULT_LIMIT.
3
External Switching Period Fault
Loss of external clock synchronization has occurred.
2
Reserved
1
VMON UV Fault
The voltage on the VMON pin has dropped below the level set by
MFR_VMON_UV_FAULT.
0
VMON OV Fault
The voltage on the VMON pin has risen above the level set by
MFR_VMON_OV_FAULT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com