Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8240MEVAL4Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL8240MEVAL4Z
Description  Dual 20A/Single 40A Step-Down Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8240MEVAL4Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL8240MEVAL4Z Datasheet HTML 17Page - Renesas Technology Corp ISL8240MEVAL4Z Datasheet HTML 18Page - Renesas Technology Corp ISL8240MEVAL4Z Datasheet HTML 19Page - Renesas Technology Corp ISL8240MEVAL4Z Datasheet HTML 20Page - Renesas Technology Corp ISL8240MEVAL4Z Datasheet HTML 21Page - Renesas Technology Corp ISL8240MEVAL4Z Datasheet HTML 22Page - Renesas Technology Corp ISL8240MEVAL4Z Datasheet HTML 23Page - Renesas Technology Corp ISL8240MEVAL4Z Datasheet HTML 24Page - Renesas Technology Corp ISL8240MEVAL4Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ISL8240M
FN8450 Rev 2.00
Page 21 of 31
January 7, 2015
Application Information
Programming the Output Voltage
The ISL8240M has an internal 0.6V ±0.7% reference voltage.
Programming the output voltage requires a resistor divider (R1
and R2) between the VOUT, VSEN+, and VSEN- pins, as shown in
Figure 23 on page 14. Please note that the output voltage
accuracy is also dependent on the resistor accuracy of R1 and
R2. The user needs to select a high accuracy resistor (i.e., 0.5%)
in order to achieve the overall output accuracy. The output
voltage can be calculated as shown in Equation 1:
Note: It is recommended to use a 1kΩ value for the top resistor,
R1. The value of the bottom resistor for different output voltages
is shown in Table 4.
At higher output voltage, the inductor ripple increases, which makes
both output ripple and inductor power loss higher. Refer to
Figure 34 on page 24 to choose RSYNC which adjusts the switching
frequency.
Selection of Input Capacitor
Selection of the input filter capacitor is based on how much
ripple the supply can tolerate on the DC input line. The larger the
capacitor, the less ripple expected, however, consideration
should be given to the higher surge current during power-up. The
ISL8240M provides a soft-start function that controls and limits
the current surge.
A combination of bulk capacitors and low Equivalent Series
Resistance (ESR) ceramic capacitors are recommended as input
capacitors. The minimum value of the input ceramic capacitors
can be calculated as shown in Equation 2:
where:
•CIN(CER, MIN) is the minimum required input ceramic
capacitance (µF)
•IO is the output current (A)
• D is the duty cycle
•VP-P is the allowable peak-to-peak voltage (V)
•fSW is the switching frequency (Hz)
The low Equivalent Series Resistance (ESR) ceramic capacitance
is recommended to decouple between the VIN and PGND of each
channel. See Table 2 for some recommended capacitors. This
capacitance reduces voltage ringing created by the switching
current across parasitic circuit elements. All these ceramic
capacitors should be placed as closely as possible to the module
pins. The estimated RMS current should be considered in
choosing ceramic capacitors.
Each 10µF X5R or X7R ceramic capacitor is typically good for 2A
to 3A of RMS ripple current. Refer to the capacitor vendor to
check the RMS current ratings. In a typical 15A output
application for one channel, if the duty cycle is 0.5, it needs at
least three 10µF X5R or X7R ceramic input capacitors.
Selection of Output Capacitors
The ISL8240M is designed for low-output voltage ripple. The
output voltage ripple and transient requirements can be met with
bulk output capacitors (COUT) that have adequately low ESR.
COUT can be a low ESR tantalum capacitor, a low ESR polymer
capacitor or a ceramic capacitor. The typical capacitance is
330µF, and decoupling ceramic output capacitors are used for
each phase. See Tables 1 and 2 for more capacitor information.
Internally optimized loop compensation provides sufficient
stability margins for all ceramic capacitor applications, with a
recommended total value of 700µF per phase. Additional output
filtering may be needed if further reduction of output ripple or
dynamic transient spike is required.
EN/FF Turn ON/OFF
Each output of the ISL8240M can be turned on/off
independently through the EN/FF pins. For parallel use, tie all
EN/FF pins together. Since this pin has the feed-forward function,
the voltage on this pin can actively adjust the loop gain to be
constant for variable input voltage. Please refer to Table 1 on
page 19 to select the resistor divider for commonly used
conditions. Otherwise, use the following procedures to finish the
EN/FF design:
1. A resistor divider from VIN to GND is recommended to set the
EN/FF voltage between 1.25V to 5.0V. The resistor divider
ratio is recommended to be between 3/1 to 4/1 with a
resistor divider at 7.15kΩ/2.05kΩ.
2. Check EN turn-on hysteresis (recommend VEN_HYS >0.3V) :
where:
•RUP is the top resistor of the resistor divider
• N is the total number of the EN/FF pins tied to the resistor divider
TABLE 4. VALUE OF BOTTOM RESISTOR FOR DIFFERENT OUTPUT
VOLTAGES (VOUT vs R2)
R1
(Ω)
VOUT
(V)
R2
(Ω)
1k
0.6
Open
1k
0.8
3.01k
1k
1.0
1.50k
1k
1.2
1.00k
1k
1.5
665
1k
1.8
499
1k
2.0
422
1k
2.5
316
VOUT
0.6
1
R1
R2
--------
+


=
(EQ. 1)
CIN CER MIN

IO D1 D
–

VP-P fSW
-----------------------------------
=
(EQ. 2)
IIN RMS

Io D 1 D
–

---------------------------------
=
(EQ. 3)
VEN HYS
–
NR
UP 3x10
5
–
=
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com