Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8271MEVAL1Z Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL8271MEVAL1Z
Description  Digital DC/DC PMBus 33A Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8271MEVAL1Z Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL8271MEVAL1Z Datasheet HTML 16Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 18Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 19Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 20Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 21Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 22Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 23Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
ISL8271M
FN8636 Rev.4.00
Page 20 of 57
Aug 17, 2017
Fault Spreading
Digital DC modules and devices can be configured to broadcast a
fault event over the DDC bus to the other devices in the group
with the PMBus command DDC_GROUP. When a non-destructive
fault occurs and the device is configured to shut down on a fault,
the device shuts down and broadcasts the fault event over the
DDC bus. The other devices on the DDC bus shut down
simultaneously (if configured to do so) and attempt to restart in
their prescribed order.
Temperature Monitoring Using XTEMP Pin
The ISL8271M supports measurement of an external device
temperature using either a thermal diode integrated in a
processor, FPGA or ASIC, or using a discrete diode-connected
2N3904 NPN transistor. Figure 29 illustrates the typical
connections required. The external temperature sensors can be
used to provide the temperature reading for over-temperature
and under-temperature faults. These options for the external
temperature sensors are enabled using the USER_CONFIG
PMBus command.
Monitoring Using SMBus
A system controller can monitor a wide variety of ISL8271M system
parameters using PMBus commands:
•READ_VIN
•READ_VOUT
•READ_IOUT
• READ_TEMPERATURE_1
• READ_TEMPERATURE_2
• READ_DUTY_CYCLE
• READ_FREQEUNCY
•MFR_READ_VMON
Snapshot Parameter Capture
The ISL8271M offers a feature to capture parametric data and
some fault status after a fault. A detailed description is provided in
“SNAPSHOT (EAh)” on page 47 and “SNAPSHOT_CONTROL (F3h)”
on page 47.
Nonvolatile Memory
The ISL8271M has internal nonvolatile memory that stores user
configurations. Integrated security measures ensure that the
user can restore the module only to a level that has been made
available to them. During the initialization process, the
ISL8271M checks for stored values contained in its internal
non-volatile memory.
Modules are shipped with factory defaults configuration and
most settings can be overwritten with PMBus commands and
can be stored in nonvolatile memory with the PMBus command
STORE_USER_ALL.
FIGURE 29. EXTERNAL TEMPERATURE MONITORING
XTEMP+
XTEMP-
XTEMP+
XTEMP-
ISL8271M
ISL8271M
2N3904
µP
FPGA
DSP
ASIC
DISCRETE NPN
EMBEDDED THERMAL DIODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com