Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8277M Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL8277M
Description  Digital DC/DC PMBus 25A Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8277M Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL8277M Datasheet HTML 17Page - Renesas Technology Corp ISL8277M Datasheet HTML 18Page - Renesas Technology Corp ISL8277M Datasheet HTML 19Page - Renesas Technology Corp ISL8277M Datasheet HTML 20Page - Renesas Technology Corp ISL8277M Datasheet HTML 21Page - Renesas Technology Corp ISL8277M Datasheet HTML 22Page - Renesas Technology Corp ISL8277M Datasheet HTML 23Page - Renesas Technology Corp ISL8277M Datasheet HTML 24Page - Renesas Technology Corp ISL8277M Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
ISL8277M
FN8923 Rev.1.00
Page 21 of 57
Aug 17, 2017
temperature still exceeds the fault limit, the controller waits the
preset delay period and retries the temperature.
Digital-DC Bus
The Digital-DC Communications (DDC) bus is used to
communicate between Intersil digital power modules and digital
controllers. This dedicated bus provides the communication
channel between devices for features such as sequencing and
fault spreading. The DDC pin on all Digital-DC devices in an
application should be connected together. A pull-up resistor is
required on the DDC bus to ensure the rise time as shown in
Equation 1:
where RPU is the DDC bus pull-up resistance and CLOAD is the
bus loading. The pull-up resistor may be tied to an external 3.3V
or 5V supply as long as this voltage is present before or during
device power-up. In principle, each device connected to the DDC
bus presents approximately 10pF of capacitive loading, and each
inch of FR4 PCB trace introduces approximately 2pF. The ideal
design uses a central pull-up resistor that is well-matched to the
total load capacitance.
Phase Spreading
When multiple point-of-load converters share a common DC
input supply, it is desirable to adjust the clock phase offset of
each device, such that not all devices start to switch
simultaneously. Setting each converter to start its switching cycle
at a different point in time can dramatically reduce input
capacitance requirements and efficiency losses. Because the
peak current drawn from the input supply is effectively spread
out over a period of time, the peak current drawn at any given
moment is reduced, and the power losses proportional to the
IRMS2 are reduced dramatically.
To enable phase spreading, all converters must be synchronized
to the same switching clock. The phase offset of each device
may also be set to any value between 0° and 360° in 22.5°
increments with PMBus command INTERLEAVE.
Output Sequencing
A group of Digital-DC modules or devices may be configured to
power-up in a predetermined sequence. This feature is especially
useful for preventing latch-up when powering advanced
processors (FPGAs and ASICs that require one supply to reach its
operating voltage) prior to another supply reaching its operating
voltage. Multi-device sequencing can be achieved by configuring
each device with PMBus command SEQUENCE. Multiple device
sequencing is configured by issuing PMBus commands to assign
the preceding device in the sequencing chain as well as the
device that follows in the sequencing chain.
The Enable pins of all devices in a sequencing group must be tied
together and driven high to initiate a sequenced turn-on of the
group. Enable must be driven low to initiate a sequenced turnoff
of the group.
Fault Spreading
Digital DC modules and devices can be configured to broadcast a
fault event over the DDC bus to the other devices in the group
with PMBus command DDC_GROUP. When a non-destructive
fault occurs and the device is configured to shutdown on a fault,
the device shuts down and broadcasts the fault event over the
DDC bus. The other devices on the DDC bus shutdown
simultaneously, if configured to do so, and attempt to restart in
their prescribed order.
Monitoring Via SMBus
A system controller can monitor a wide variety of different
ISL8277M system parameters with PMBus commands:
•READ_VIN
•READ_VOUT
•READ_IOUT
• READ_INTERNAL_TEMP
• READ_EXTERNAL_TEMP
• READ_DUTY_CYCLE
• READ_FREQEUNCY
•MFR_READ_VMON
Snapshot Parameter Capture
The ISL8277M offers a special feature to capture parametric data
and some fault status following a fault. A detailed description is
provided in “SNAPSHOT (EAh)” on page 48.
Nonvolatile Memory
The ISL8277M has internal nonvolatile memory that stores user
configurations. Integrated security measures ensure that users
can only restore the module to a level that has been made
available to them. During the initialization process, the ISL8277M
checks for stored values contained in its internal nonvolatile
memory.
Modules are shipped with factory default configurations. Most
settings can be overwritten with PMBus commands and can be
stored in nonvolatile memory with the PMBus command
STORE_USER_ALL.
PCB Layout Guidelines
To achieve stable operation, low losses, and good thermal
performance, some layout considerations are necessary.
•For VDD > 6V, the recommended PCB layout is shown in
Figure 29. Leave V25, VDDC, VR5, and VR6 as “No Connect
(NC)”.
• For 5.5V
 VDD  6V, connect VDDC pin to VR6 pin. For
4.5
 VDD < 5.5V, connect VDDC pin to VR6 and VR5 pin. An RC
filter is required at the input of VDRVIN pin if input supply is
shared with the VIN pin.
• Establish a separate SGND plane and PGND plane, then
connect the SGND to the PGND plane as shown in Figure 30 in
the middle layer. For making connections between
SGND/PGND on the top layer and other layers, use multiple
Rise Time
RPUCLOAD 1s
=
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com