Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCW-CP7P Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCW-CP7P
Description  SMD ceramic package with silicon resin with lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CP7P Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCW-CP7P Datasheet HTML 4Page - OSRAM GmbH LCW-CP7P Datasheet HTML 5Page - OSRAM GmbH LCW-CP7P Datasheet HTML 6Page - OSRAM GmbH LCW-CP7P Datasheet HTML 7Page - OSRAM GmbH LCW-CP7P Datasheet HTML 8Page - OSRAM GmbH LCW-CP7P Datasheet HTML 9Page - OSRAM GmbH LCW-CP7P Datasheet HTML 10Page - OSRAM GmbH LCW-CP7P Datasheet HTML 11Page - OSRAM GmbH LCW-CP7P Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2010-09-09
8
Vorläufige Daten / Preliminary Data
LCW CP7P
Farbtemperatur 4500 K
Color temperature 4500 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5J
0.351
0.347
5K
0.359
0.352
0.352
0.356
0.361
0.362
0.361
0.362
0.369
0.368
0.359
0.352
0.367
0.358
6J
0.352
0.356
6K
0.361
0.362
0.354
0.365
0.363
0.371
0.363
0.371
0.371
0.378
0.361
0.362
0.369
0.368
7J
0.354
0.365
7K
0.363
0.371
0.355
0.374
0.364
0.381
0.364
0.381
0.374
0.387
0.363
0.371
0.371
0.378
Farbtemperatur 5000 K
Color temperature 5000 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5H
0.337
0.337
5I
0.344
0.343
0.337
0.345
0.345
0.352
0.345
0.352
0.353
0.358
0.344
0.343
0.352
0.349
6H
0.337
0.345
6I
0.345
0.352
0.337
0.353
0.346
0.360
0.346
0.360
0.354
0.367
0.345
0.352
0.353
0.358
7H
0.337
0.353
/I
0.346
0.360
0.338
0.362
0.346
0.369
0.346
0.369
0.355
0.376
0.346
0.360
0.354
0.367
8H
0.338
0.362
8I
0.346
0.369
0.338
0.370
0.347
0.378
0.347
0.378
0.356
0.385
0.346
0.369
0.355
0.376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com