Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCW-CQ7P.EC Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LCW-CQ7P.EC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CQ7P.EC Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LCW-CQ7P.EC Datasheet HTML 10Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 11Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 12Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 13Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 14Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 15Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 16Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 17Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
2013-02-15
14
Version 1.1
LCW CQ7P.EC
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 85 °C
I (mA)
F
T (°C)
S
OHL05424
0
20
40
60
80
100
120
0
100
200
300
400
500
600
700
800
Do not use below 100 mA
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL04611
T
t
P
I
F
0.05
0.2
0.1
0.5
1
0.02
0.01
D
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.2
0.005
=
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL04611
T
t
P
I
F
0.05
0.2
0.1
0.5
1
0.02
0.01
D
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.2
0.005
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com