Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCW-JNSH.PC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCW-JNSH.PC
Description  white SMT package, colored diffused silicone resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-JNSH.PC Datasheet(HTML) 1 Page - OSRAM GmbH

  LCW-JNSH.PC Datasheet HTML 1Page - OSRAM GmbH LCW-JNSH.PC Datasheet HTML 2Page - OSRAM GmbH LCW-JNSH.PC Datasheet HTML 3Page - OSRAM GmbH LCW-JNSH.PC Datasheet HTML 4Page - OSRAM GmbH LCW-JNSH.PC Datasheet HTML 5Page - OSRAM GmbH LCW-JNSH.PC Datasheet HTML 6Page - OSRAM GmbH LCW-JNSH.PC Datasheet HTML 7Page - OSRAM GmbH LCW-JNSH.PC Datasheet HTML 8Page - OSRAM GmbH LCW-JNSH.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2015-12-09
1
2015-12-09
DURIS
® E 3
Datasheet
Version 2.2
LCW JNSH.PC
The DURIS
® E 3 combines high efficacy and a wide
beam angle into a compact format (3.0 mm x 1.4 mm).
This is key to homogeneous illumination applications
where the DURIS® E 3 never fails to impress with its
performance on system level.
Die DURIS
® E 3 kombiniert hohe Effizienz und einen
weiten Abstrahlwinkel in einer kompakten Bauform
(3,0 mm x 1,4 mm). Speziell für Anwendungen mit
besonders homogener Lichtverteilung kann die
DURIS® E 3 mit ihrer Leistung auf Systemebene
überzeugen.
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
•
Viewing angle at 50 % I
V: 110°
•
Abstrahlwinkel bei 50 % I
V: 110°
•
Color: 3000 K - 5000 K (warm and neutral white)
•
Farbe: 3000 K - 5000 K (warm- und neutralweiß)
•
CRI: min. 70
•
CRI: min. 70
•
Luminous Flux: typ. 8.6 lm @ 5000 K
•
Lichtstrom: typ. 8.6 lm @ 5000 K
•
Luminous efficacy: typ. 141 lm/W @ 5000 K
•
Lichtausbeute: typ. 141 lm/W @ 5000 K
•
Lumen Maintenance: Test results according to
IESNA LM-80 available
•
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
•
Retrofits and fixtures
•
Retrofits
•
Linear lights
•
Linearbeleuchtung
•
Task lights
•
Schreibtischleuchten


Similar Part No. - LCW-JNSH.PC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCW-JNSH.EC OSRAM-LCW-JNSH.EC Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
More results

Similar Description - LCW-JNSH.PC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
white SMT package, colored diffused silicone resin
GW-P7LM32.CM OSRAM-GW-P7LM32.CM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LR32.EM OSRAM-GW-P9LR32.EM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LT32.EM OSRAM-GW-P9LT32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GW-PSLM31.EM OSRAM-GW-PSLM31.EM Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com