Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCW-W5AM Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCW-W5AM
Description  white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-W5AM Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCW-W5AM Datasheet HTML 6Page - OSRAM GmbH LCW-W5AM Datasheet HTML 7Page - OSRAM GmbH LCW-W5AM Datasheet HTML 8Page - OSRAM GmbH LCW-W5AM Datasheet HTML 9Page - OSRAM GmbH LCW-W5AM Datasheet HTML 10Page - OSRAM GmbH LCW-W5AM Datasheet HTML 11Page - OSRAM GmbH LCW-W5AM Datasheet HTML 12Page - OSRAM GmbH LCW-W5AM Datasheet HTML 13Page - OSRAM GmbH LCW-W5AM Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2009-06-19
10
LCW W5AM
Farbtemperatur 4000 K
Color temperature 4000 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
4L
0.365
0.348
4M
0.372
0.352
4N
0.379
0.356
0.367
0.358
0.375
0.362
0.382
0.367
0.375
0.362
0.382
0.367
0.390
0.372
0.372
0.352
0.379
0.356
0.386
0.361
5L
0.367
0.358
5M
0.375
0.362
5N
0.382
0.367
0.369
0.368
0.377
0.373
0.385
0.376
0.377
0.373
0.385
0.378
0.393
0.383
0.375
0.362
0.382
0.367
0.390
0.372
6L
0.369
0.368
6M
0.377
0.373
6N
0.385
0.378
0.371
0.378
0.380
0.383
0.388
0.388
0.380
0.383
0.388
0.388
0.397
0.393
0.377
0.373
0.385
0.376
0.393
0.383
7L
0.371
0.378
7M
0.380
0.383
7N
0.388
0.388
0.374
0.387
0.383
0.393
0.392
0.399
0.383
0.393
0.392
0.399
0.401
0.404
0.380
0.383
0.388
0.388
0.397
0.393
8L
0.374
0.387
8M
0.383
0.393
8N
0.392
0.399
0.376
0.397
0.385
0.403
0.395
0.409
0.385
0.403
0.395
0.409
0.404
0.415
0.383
0.393
0.392
0.399
0.401
0.404
Farbtemperatur 4500 K
Color temperature 4500 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
4J
0.350
0.337
8J
0.355
0.374
6K
0.361
0.362
0.351
0.347
0.356
0.383
0.363
0.371
0.359
0.352
0.366
0.390
0.371
0.378
0.357
0.343
0.364
0.381
0.369
0.368
5J
0.351
0.347
4K
0.357
0.343
7K
0.363
0.371
0.352
0.356
0.359
0.352
0.364
0.381
0.361
0.362
0.367
0.358
0.374
0.387
0.359
0.352
0.365
0.348
0.371
0.378
6J
0.352
0.356
5K
0.359
0.352
8K
0.364
0.381
0.354
0.365
0.361
0.362
0.366
0.390
0.363
0.371
0.369
0.368
0.376
0.397
0.361
0.362
0.367
0.358
0.374
0.387
7J
0.354
0.365
0.355
0.374
0.364
0.381
0.363
0.371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com