Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCW-W5AP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCW-W5AP
Description  dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-W5AP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCW-W5AP Datasheet HTML 6Page - OSRAM GmbH LCW-W5AP Datasheet HTML 7Page - OSRAM GmbH LCW-W5AP Datasheet HTML 8Page - OSRAM GmbH LCW-W5AP Datasheet HTML 9Page - OSRAM GmbH LCW-W5AP Datasheet HTML 10Page - OSRAM GmbH LCW-W5AP Datasheet HTML 11Page - OSRAM GmbH LCW-W5AP Datasheet HTML 12Page - OSRAM GmbH LCW-W5AP Datasheet HTML 13Page - OSRAM GmbH LCW-W5AP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2010-02-15
10
LCW W5AP
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: LX-4U
Example: LX-4U
Helligkeits-Gruppierungsschema
Brightness Groups
Helligkeitsgruppe
Brightness Group
Lichtstrom
1) Seite 22
Luminous Flux
1) page 22
Φ
V (lm)
Lichtstärke
2) Seite 22
Luminous Intensity
2) page 22
I
V (cd)
LX
LY
LZ
MX
MY
MZ
112 ...
130
130 ...
150
150 ...
180
180 ...
210
210 ...
240
240 ...
280
33 (typ.)
38 (typ.)
44 (typ.)
52 (typ.)
60 (typ.)
70 (typ.)
Anm.: Die Standardlieferform von Serientypen beinhaltet eine Familiengruppe. Diese besteht aus
wenigen Helligkeitsgruppen. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Note: The standard shipping format for serial types includes a family group of only a few individual
brightness groups. Individual brightness groups cannot be ordered.
Helligkeitsgruppe
Brightness Group
Farbortgruppe
Chromaticity Coordinate Group
LX
4U
Anm.: In einer Verpackungseinheit / Gurt ist immer nur eine Helligkeitsgruppe enthalten.
Note: No packing unit / tape ever contains more than one brightness group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com