Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP13071 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP13071
Description  ~25째 25째 rectangular beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP13071 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP13071 Datasheet HTML 1Page - Ledil, Inc. CP13071 Datasheet HTML 2Page - Ledil, Inc. CP13071 Datasheet HTML 3Page - Ledil, Inc. CP13071 Datasheet HTML 4Page - Ledil, Inc. CP13071 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CP13071_IRENE-IR-12
IRENE-IR-12
~25° 25° rectangular beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.3 mm
Fastening
pin, glue
Colour
white
Box size
480 x 280 x 300 mm
Box weight
0 kg
Quantity in Box
1792 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
IRENE-12
Lens
PMMA
clear
IRENE-HLD
Holder
PC
white
Last update: 06/02/2015
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP13071

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP13070 LEDIL-CP13070 Datasheet
2Mb / 5P
~30째 30째 rectangular beam
CP13072 LEDIL-CP13072 Datasheet
2Mb / 5P
~15째 15째 rectangular beam
CP13073 LEDIL-CP13073 Datasheet
2Mb / 5P
~16째 16째 rectangular beam
More results

Similar Description - CP13071

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15800 LEDIL-C15800 Datasheet
4Mb / 7P
~25째 spot beam
C13459 LEDIL-C13459 Datasheet
2Mb / 4P
~25째 medium beam
CA14402 LEDIL-CA14402 Datasheet
2Mb / 5P
~25째 medium beam
C16687 LEDIL-C16687 Datasheet
9Mb / 7P
~25째 wide beam
FP16608 LEDIL-FP16608 Datasheet
2Mb / 5P
25째 medium beam
CP17137 LEDIL-CP17137 Datasheet
5Mb / 7P
~25째 medium beam.
CA12536 LEDIL-CA12536 Datasheet
5Mb / 10P
~25째 medium beam
CP13666 LEDIL-CP13666 Datasheet
2Mb / 5P
~25째 diffused beam.
FP17002 LEDIL-FP17002 Datasheet
1Mb / 4P
~25째 wide beam
CP17589 LEDIL-CP17589 Datasheet
1Mb / 4P
~25째 wide beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com