Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC58FVT641-70 Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TC58FVT641-70
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT641-70 Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TC58FVT641-70 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVT641-70 Datasheet HTML 12Page - Toshiba Semiconductor TC58FVT641-70 Datasheet HTML 13Page - Toshiba Semiconductor TC58FVT641-70 Datasheet HTML 14Page - Toshiba Semiconductor TC58FVT641-70 Datasheet HTML 15Page - Toshiba Semiconductor TC58FVT641-70 Datasheet HTML 16Page - Toshiba Semiconductor TC58FVT641-70 Datasheet HTML 17Page - Toshiba Semiconductor TC58FVT641-70 Datasheet HTML 18Page - Toshiba Semiconductor TC58FVT641-70 Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
TC58FVT641/B641FT/XB-70,-10
2002-10-24
15/53
ADDRESS A6~A0
DATA DQ15~DQ0
DESCRIPTION
2CH
0002H
Number of erase block regions within device
2DH
2EH
2FH
30H
0007H
0000H
0020H
0000H
Erase Block Region 1 information
Bits 0~15: y
= block number
Bits 16~31: z
= block size
(z
× 256 bytes)
31H
32H
33H
34H
007EH
0000H
0000H
0001H
Erase Block Region 2 information
40H
41H
42H
0050H
0052H
0049H
ASCII string “PRI”
43H
0031H
Major version number, ASCII
44H
0031H
Minor version number, ASCII
45H
0000H
Address-Sensitive Unlock
0: Required
1: Not required
46H
0002H
Erase Suspend
0: Not supported
1: For Read-only
2: For Read & Write
47H
0001H
Block Protect
0: Not supported
X: Number of blocks per group
48H
0001H
Block Temporary Unprotect
0: Not supported
1: Supported
49H
0004H
Block Protect/Unprotect scheme
4AH
0001H
Simultaneous operation
0: Not supported
1: Supported
4BH
0000H
Burst Mode
0: Not supported
4CH
0000H
Page Mode
0: Not supported
4DH
0085H
VACC (min) voltage
DQ7~DQ4: 1 V
DQ3~DQ0: 100 mV
4EH
0095H
VACC (max) voltage
DQ7~DQ4: 1 V
DQ3~DQ0: 100 mV
4FH
000XH
Top/Bottom Boot Block Flag
2: TC58FVB641
3: TC58FVT641
50H
0001H
Program Suspend
0: Not supported
1: Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com