Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC58FVT641-10 Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TC58FVT641-10
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT641-10 Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TC58FVT641-10 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 12Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 13Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 14Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 15Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 16Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 17Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
TC58FVT641/B641FT/XB-70,-10
2002-10-24
14/53
COMMON FLASH MEMORY INTERFACE (CFI)
The TC58FVT641/B641 conforms to the CFI specifications. To read information from the device, input the
Query command followed by the address. In Word Mode DQ8~DQ15 all output 0s. To exit this mode, input the
Reset command.
CFI CODE TABLE
ADDRESS A6~A0
DATA DQ15~DQ0
DESCRIPTION
10H
11H
12H
0051H
0052H
0059H
ASCII string “QRY”
13H
14H
0002H
0000H
Primary OEM command set
2: AMD/FJ standard type
15H
16H
0040H
0000H
Address for primary extended table
17H
18H
0000H
0000H
Alternate OEM command set
0: none exists
19H
1AH
0000H
0000H
Address for alternate OEM extended table
1BH
0027H
VDD (min) (Write/Erase)
DQ7~DQ4: 1 V
DQ3~DQ0: 100 mV
1CH
0036H
VDD (max) (Write/Erase)
DQ7~DQ4: 1 V
DQ3~DQ0: 100 mV
1DH
0000H
VPP (min) voltage
1EH
0000H
VPP (max) voltage
1FH
0004H
Typical time-out per single byte/word write (2
N µs)
20H
0000H
Typical time-out for minimum size buffer write (2
N µs)
21H
000AH
Typical time-out per individual block erase (2
N
ms)
22H
0000H
Typical time-out for full chip erase (2
N
ms)
23H
0005H
Maximum time-out for byte/word write (2
N
times typical)
24H
0000H
Maximum time-out for buffer write (2
N
times typical)
25H
0004H
Maximum time-out per individual block erase (2
N
times typical)
26H
0000H
Maximum time-out for full chip erase (2
N
times typical)
27H
0017H
Device Size (2
N
byte)
28H
29H
0002H
0000H
Flash device interface description
2:
×8/×16
2AH
2BH
0000H
0000H
Maximum number of bytes in multi-byte write (2
N
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com