Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP6311ACBZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6311ACBZ
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6311ACBZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6311ACBZ Datasheet HTML 1Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 2Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 3Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 4Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 5Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 6Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 7Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 8Page - Renesas Technology Corp HIP6311ACBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN9035 Rev 1.00
Page 1 of 16
July 2004
FN9035
Rev 1.00
July 2004
HIP6311A
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
DATASHEET
The HIP6311A Multi-Phase Buck PWM control IC together
with HIP6601A, HIP6602A or HIP6603A companion gate
drivers form a precision voltage regulation system for
advanced microprocessors. The HIP6311A controls
microprocessor core voltage regulation by driving 2 to 4
synchronous-rectified buck channels in parallel. The multi-
phase buck topology takes advantage of interleaving phases
to increase ripple frequency and reduce input and output
ripple currents. Resulting in fewer components, reduced
component ratings, lower power dissipation, and smaller
implementation area.
The HIP6311A control IC features a 5 bit digital-to-analog
converter (DAC) that adjusts the core output voltage from
1.100V to 1.850V with an unsurpassed system accuracy of
±0.5% over temperature. The HIP6311A uses a lossless
current sensing approach in which the voltage developed
across the on-resistance of the lower MOSFETs during
conduction is sampled. Current sensing provides the
required signals for precision droop, channel-current
balancing, load sharing, and over-current protection.
Another feature of this control IC is the PGOOD monitor
which is held low until the core voltage increases to within
8% of the programmed voltage. An over-voltage condition is
detected when the output voltage exceeds 115% of the
programmed VID. This results in the converter shutting down
and PGOOD being pulled low. During an under-voltage
condition (output voltage 10% below the programmed VID),
PGOOD transitions low, but the converter continues to
operate.
Features
• Precision CORE Voltage Regulation
- ±0.5% System Accuracy Over Temperature
• Microprocessor Voltage Identification Input
- 5-Bit VID Input
- 1.100V to 1.850V in 25mV Steps
- Programmable Droop Voltage
•RDS(on) Current Sensing
- Accurate Channel Current Balancing
- Loss less Current Sampling
- Low-Cost Implementation
• Fast Transient Response
• Digital Soft Start
• Over Current Protection
• Selection of 2, 3, or 4 Phase Operation
• 50kHz to 1.5MHz Switching Frequency
• Pb-free available
Applications
• Desktop Motherboards
• Voltage Regulator Modules
• Servers and Workstations
Pinout
HIP6311A (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. NO.
HIP6311ACB
0 to 70
20 Ld SOIC
M20.3
HIP6311ACBZ
(See Note)
0 to 70
20 Ld SOIC
(Pb-free)
M20.3
HIP6311ACBZA
(See Note)
0 to 70
20 Ld SOIC
(Pb-free)
M20.3
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VID4
VID3
VID2
VID1
VID0
FS/DIS
PWM2
PGOOD
PWM3
ISEN4
ISEN1
VCC
GND
ISEN3
FB
PWM4
VSEN
COMP
PWM1
ISEN2
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - HIP6311ACBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6311ACBZ INTERSIL-HIP6311ACBZ Datasheet
449Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
July 2004
HIP6311ACBZ-T INTERSIL-HIP6311ACBZ-T Datasheet
449Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
July 2004
HIP6311ACBZA INTERSIL-HIP6311ACBZA Datasheet
449Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
July 2004
HIP6311ACBZA-T INTERSIL-HIP6311ACBZA-T Datasheet
449Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
July 2004
More results

Similar Description - HIP6311ACBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 03
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
November 2000
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com