Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7663SCBA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICL7663SCBA
Description  CMOS Programmable Micropower Positive Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7663SCBA Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICL7663SCBA Datasheet HTML 1Page - Renesas Technology Corp ICL7663SCBA Datasheet HTML 2Page - Renesas Technology Corp ICL7663SCBA Datasheet HTML 3Page - Renesas Technology Corp ICL7663SCBA Datasheet HTML 4Page - Renesas Technology Corp ICL7663SCBA Datasheet HTML 5Page - Renesas Technology Corp ICL7663SCBA Datasheet HTML 6Page - Renesas Technology Corp ICL7663SCBA Datasheet HTML 7Page - Renesas Technology Corp ICL7663SCBA Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ICL7663S
FN3180 Rev 6.00
Page 3 of 8
October 2, 2015
Absolute Maximum Ratings
Thermal Information
Input Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+18V
Any Input or Output Voltage (Note 1)
Terminals 1, 2, 3, 5, 6, 7 . . . . . . . . . . . . . VIN+ 0.3V to GND -0.3V
Output Source Current
Terminal 2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Terminal 3. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA
Output Sinking Current
Terminal 7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10mA
Operating Conditions
Temperature Range
ICL7663SC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
ICL7663SI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-25°C to 85°C
Thermal Resistance (Typical, Note 2)
JA (°C/W) JC (°C/W)
CERDIP Package. . . . . . . . . . . . . . . . .
115
30
PDIP Package* . . . . . . . . . . . . . . . . . .
150
N/A
Plastic SOIC Package . . . . . . . . . . . . .
180
N/A
Maximum Junction Temperature
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
CERDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Connecting any terminal to voltages greater than (V+IN + 0.3V) or less than (GND - 0.3V) may cause destructive device latch-up. It is
recommended that no inputs from sources operating on external power supplies be applied prior to ICL7663S power-up.
2.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Specifications Below Applicable to Both ICL7663S and ICL7663SA, Unless Otherwise Specified. V+IN = 9V,
VOUT = 5V, TA = 25°C, Unless Otherwise Specified. Notes 4, 5. See Test Circuit, Figure 7
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
V+IN
ICL7663S
TA = 25°C
1.5
-
16
V
0°C < TA < 70°C
1.6
-
16
V
-25°C < TA < 85°C
1.6
-
16
V
ICL7663SA
0°C < TA < 70°C
1.6
-
16
V
-25°C < TA < 85°C
1.6
-
16
V
Quiescent Current
IQ
1.4V
 VOUT  8.5V, No Load
V+IN = 9V
0°C < TA < 70°C
-
-
10
A
-25°C < TA < 85°C
-
-
10
A
V+IN = 16V
0°C < TA < 70°C
-
-
12
A
-25°C < TA < 85°C
-
-
12
A
Reference Voltage
VSET
IOUT1 = 100A, VOUT = VSET
ICL7663S
TA = 25°C
1.2
1.3
1.4
V
ICL7663SA
TA = 25°C
1.275
1.29
1.305
V
Temperature
Coefficient
VSET
T
0°C < TA < 70°C
-
100
-
ppm
-25°C < TA < 85°C
-
100
-
ppm
Line Regulation
VSET
VSET’ VIN
2V < VIN < 15V
0°C < TA < 70°C
-
0.03
-
%/V
-25°C < TA < 85°C
-
0.03
0.3
%/V
VSET Input Current
ISET
0°C < TA < 70°C
-
0.01
10
nA
-25°C < TA < 85°C
-
0.01
10
nA
Shutdown Input Current
ISHDN
-
0.01
10
nA
Shutdown Input Voltage
VSHDN
VSHDN HI: Both VOUT Disabled
1.4
-
-
V
VSHDN LO: Both VOUT Enable
-
-
0.3
V
Sense Pin Input Current
ISENSE
-0.01
10
nA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com