Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRTB-G6TG Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LRTB-G6TG
Description  white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-G6TG Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LRTB-G6TG Datasheet HTML 9Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 10Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 11Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 12Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 13Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 14Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 15Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 16Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LRTB G6TG
2007-10-10
13
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
I
F = f (tp); red (1 Chip on)
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
I
F = f (tp); red (3 Chips on)
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
I
F = f (tp); red (1 Chip on)
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
I
F = f (tp); red (3 Chips on)
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
2
1
0
-1 10
tp
10 s 10
OHL01709
0.02
0.04
0.06
0.08
0.12
t
P
=
T
T
P
t
IF
D
1
0.5
0.2
0.005
0.02
0.1
0.05
D
0.01
=
0.10
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
2
1
0
-1 10
tp
10 s 10
OHL01723
0.02
0.04
0.06
0.08
0.12
t
P
=
T
T
P
t
IF
D
1
0.5
0.2
0.05
0.1
0.005
0.01
0.02
D =
0.10
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
2
1
0
-1 10
tp
10 s 10
OHL01711
0.02
0.04
0.06
0.08
0.12
t
P
=
T
T
P
t
IF
D
1
0.5
0.2
0.05
0.1
0.005
0.01
0.02
D =
0.10
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
-2
-3
-4
-5
10
10
10
1
F
I
A
D
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL01724
T
t
P
IF
0.02
0.04
0.06
0.08
0.12
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com