Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6316 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6316
Description  Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6316 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6316 Datasheet HTML 9Page - Renesas Technology Corp ISL6316 Datasheet HTML 10Page - Renesas Technology Corp ISL6316 Datasheet HTML 11Page - Renesas Technology Corp ISL6316 Datasheet HTML 12Page - Renesas Technology Corp ISL6316 Datasheet HTML 13Page - Renesas Technology Corp ISL6316 Datasheet HTML 14Page - Renesas Technology Corp ISL6316 Datasheet HTML 15Page - Renesas Technology Corp ISL6316 Datasheet HTML 16Page - Renesas Technology Corp ISL6316 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ISL6316
FN9227 Rev 1.00
Page 13 of 30
Dec 12, 2006
PWM Operation
The timing of each channel is set by the number of active
channels. The default channel setting for the ISL6316 is four.
The switching cycle is defined as the time between PWM
pulse termination signals of each channel. The pulse
termination signal is an internally generated clock signal
which triggers the falling edge of PWM signal. The cycle time
of the pulse termination signal is the inverse of the switching
frequency set by the resistor between the FS pin and ground.
Each cycle begins when the clock signal commands the
channel PWM signal to go low. The PWM signals command
the MOSFET driver to turn on/off the channel MOSFETs.
For 4-channel operation, the channel firing order is 4-3-2-1:
PWM3 pulse terminates 1/4 of a cycle after PWM4, PWM2
output follows another 1/4 of a cycle after PWM3, and PWM1
terminates another 1/4 of a cycle after PWM2. For 3-channel
operation, the channel firing order is 3-2-1.
Connecting PWM4 to VCC selects three channel operation
and the pulse-termination times are spaced in 1/3 cycle
increments. If PWM3 is connected to VCC, two channel
operation is selected and the PWM2 pulse terminates 1/2 of a
cycle later.
Once a PWM signal transitions low, it is held low for a
minimum of 1/3 cycle. This forced off time is required to
ensure an accurate current sample. Current sensing is
described in the next section. After the forced off time expires,
the PWM output is enabled. The PWM output state is driven
by the position of the error amplifier output signal, VCOMP,
minus the current correction signal relative to the sawtooth
ramp as illustrated in Figure 7. When the modified VCOMP
voltage crosses the sawtooth ramp, the PWM output
transitions high. The MOSFET driver detects the change in
state of the PWM signal and turns off the synchronous
MOSFET and turns on the upper MOSFET. The PWM signal
will remain high until the pulse termination signal marks the
beginning of the next cycle by triggering the PWM signal low.
Current Sampling
During the forced off-time following a PWM transition low, the
associated channel current sense amplifier uses the ISEN
inputs to reproduce a signal proportional to the inductor
current, IL. This current gets sampled starting 1/6 period after
each PWM goes low and continuously gets sampled for 1/3
period, or until the PWM goes high, whichever comes first. No
matter the current sense method, the sense current, ISEN, is
simply a scaled version of the inductor current. Coincident
with the falling edge of the PWM signal, the sample and hold
circuitry samples the sensed current signal ISEN, as illustrated
in Figure 3.
Therefore, the sample current, In, is proportional to the output
current and held for one switching cycle. The sample current
is used for current balance, load-line regulation, and
overcurrent protection.
Current Sensing
The ISL6316 supports inductor DCR sensing, MOSFET
rDS(ON) sensing, or resistive sensing techniques. The internal
circuitry, shown in Figures 4, 5, and 6, represents one channel
of an N-channel converter. This circuitry is repeated for each
channel in the converter, but may not be active depending on
the status of the PWM3 and PWM4 pins, as described in the
PWM Operation
section.
INDUCTOR DCR SENSING
An inductor’s winding is characteristic of a distributed
resistance as measured by the DCR (Direct Current
Resistance) parameter. Consider the inductor DCR as a
separate lumped quantity, as shown in Figure 4. The channel
current IL, flowing through the inductor, will also pass through
the DCR. Equation 3 shows the s-domain equivalent voltage
across the inductor VL.
A simple R-C network across the inductor extracts the DCR
voltage, as shown in Figure 4.
The voltage on the capacitor VC, can be shown to be
proportional to the channel current IL, see Equation 4.
If the R-C network components are selected such that the RC
time constant (= R*C) matches the inductor time constant
(= L/DCR), the voltage across the capacitor VC is equal to the
voltage drop across the DCR, i.e. proportional to the channel
current.
FIGURE 3. SAMPLE AND HOLD TIMING
TIME
PWM
IL
SWITCHING PERIOD
ISEN
0.5Tsw
SAMPLE CURRENT, In
VL
IL sL DCR
+

=
(EQ. 3)
VC
s
L
DCR
-------------
1
+


DCR IL

sRC 1
+

---------------------------------------------------------------------
=
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com