Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6413 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6413
Description  Triple Output Regulator with Single Synchronous Buck and Dual LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6413 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6413 Datasheet HTML 2Page - Renesas Technology Corp ISL6413 Datasheet HTML 3Page - Renesas Technology Corp ISL6413 Datasheet HTML 4Page - Renesas Technology Corp ISL6413 Datasheet HTML 5Page - Renesas Technology Corp ISL6413 Datasheet HTML 6Page - Renesas Technology Corp ISL6413 Datasheet HTML 7Page - Renesas Technology Corp ISL6413 Datasheet HTML 8Page - Renesas Technology Corp ISL6413 Datasheet HTML 9Page - Renesas Technology Corp ISL6413 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ISL6413
FN9129 Rev 0.00
Page 6 of 13
Oct 29, 2003
PGOOD Output Leakage Current
VOUT = 3.3V
-
0.01
0.1
A
PWM OUTPUT OVER VOLTAGE
Over Voltage Threshold
28
33
38
%
NOTE:
3. Specifications at -40oC and +85oC are guaranteed by design/characterization, not production tested.
4. This is the VIN current consumed when the device is active but not switching. Does not include gate drive current.
5. The dropout voltage is defined as VIN - VOUT, when VOUT is 50mV below the value of VOUT for VIN = VOUT + 0.5V.
6. The RESET timeout period is linear with CT at the slope of 2.5ms/nF. Thus, at 10nF (0.01
F) the RESET time is 25ms; at 1000nF (0.1F) the
RESET time would be 250ms.
7. Guaranteed by design, not production tested.
Electrical Specifications
Recommended operating conditions unless otherwise noted. VIN = VIN_LDO = PVCC = 3.3V, Compensation
Capacitors = 33nF for LDO1 and LDO2. TA = 25oC. (Note 2) (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 1. PWM SOFTSTART
FIGURE 2. PWM PHASE NODE SWITCHING
FIGURE 3. PWM OUTPUT RIPPLE WAVEFORMS
FIGURE 4. PWM LOAD REGULATION
TIME (ms)
(2ms/DIV)
VIN
VOUT1
1V/DIV
1V/DIV
0V
0V
TIME (
s)
(0.5
s/DIV)
1V/DIV
0V
TIME (
s)
(2
s/DIV)
20mV/
DIV
1.82
1.815
1.81
1.805
1.8
0
0.05
0.1
0.15
0.2
0.25
0.3
LOAD CURRENT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com