Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6522ACRZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6522ACRZ
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6522ACRZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6522ACRZ Datasheet HTML 1Page - Renesas Technology Corp ISL6522ACRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6522ACRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6522ACRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6522ACRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6522ACRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6522ACRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6522ACRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6522ACRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN9122 Rev 2.00
Page 1 of 14
Apr 13, 2005
FN9122
Rev 2.00
Apr 13, 2005
ISL6522A
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
DATASHEET
The ISL6522A provides complete control and protection for
a DC-DC converter optimized for high-performance
microprocessor applications. It is designed to drive two
N-Channel MOSFETs in a synchronous rectified buck
topology. The ISL6522A integrates all of the control, output
adjustment, monitoring and protection functions into a single
package.
The output voltage of the converter can be precisely
regulated to as low as 0.8V, with a maximum tolerance of
0.5% over temperature and line voltage variations.
The ISL6522A provides simple, single feedback loop,
voltage-mode control with fast transient response. It includes
a 200kHz free-running triangle-wave oscillator that is
adjustable from below 50kHz to over 1MHz. The error
amplifier features a 15MHz gain-bandwidth product and
6V/
s slew rate which enables high converter bandwidth for
fast transient performance. The resulting PWM duty ratio
ranges from 0–100%.
The ISL6522A protects against overcurrent conditions by
inhibiting PWM operation. The ISL6522A monitors the
current by using the rDS(ON) of the upper MOSFET which
eliminates the need for a current sensing resistor.
Features
• Drives two N-Channel MOSFETs
• Operates from +5V or +12V input
• Simple single-loop control design
- Voltage-mode PWM control
• Fast transient response
- High-bandwidth error amplifier
- Full 0-100% duty ratio
• Excellent output voltage regulation
- 0.8V internal reference
-
0.5% over line voltage and temperature
• Overcurrent fault monitor
- Does not require extra current sensing element
- Uses MOSFETs rDS(ON)
• Converter can source and sink current
• Small converter size
- Constant frequency operation
- 200kHz free-running oscillator programmable from
50kHz to over 1MHz
• 14 Ld SOIC and 16 Lead 5x5mm QFN Packages
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat
No Leads-Product Outline.
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile
• Pb-Free Available (RoHS Compliant)
Applications
• Power supply for Pentium®, Pentium Pro, PowerPC® and
AlphaPC™ microprocessors
• High-power 5V to 3.xV DC-DC regulators
• Low-voltage distributed power supplies
Ordering Information
PART NUMBER*
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6522ACB
25 to 70
14 Ld SOIC
M14.15
ISL6522ACBZ
(See Note)
25 to 70
14 Ld SOIC
(Pb-free)
M14.15
ISL6522ACR
25 to 70
16 Ld 5x5 QFN
L16.5x5B
ISL6522ACRZ
(See Note)
25 to 70
16 Ld 5x5 QFN
(Pb-free)
L16.5x5B
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
*Add “-T” suffix for tape and reel.


Similar Part No. - ISL6522ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6522ACRZ INTERSIL-ISL6522ACRZ Datasheet
441Kb / 13P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
April 13, 2005
ISL6522ACRZ-T INTERSIL-ISL6522ACRZ-T Datasheet
441Kb / 13P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
April 13, 2005
More results

Similar Description - ISL6522ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
1997 09
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
June 1997
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
April 13, 2005
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
March 2001
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
April 4, 2005
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
March 10, 2006
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com