Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LUW-C9SN Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LUW-C9SN
Description  SMD ceramic package with silicon resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-C9SN Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LUW-C9SN Datasheet HTML 4Page - OSRAM GmbH LUW-C9SN Datasheet HTML 5Page - OSRAM GmbH LUW-C9SN Datasheet HTML 6Page - OSRAM GmbH LUW-C9SN Datasheet HTML 7Page - OSRAM GmbH LUW-C9SN Datasheet HTML 8Page - OSRAM GmbH LUW-C9SN Datasheet HTML 9Page - OSRAM GmbH LUW-C9SN Datasheet HTML 10Page - OSRAM GmbH LUW-C9SN Datasheet HTML 11Page - OSRAM GmbH LUW-C9SN Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Released
LUW C9SN
2010-12-08
8
Durchlassstrom
2) Seite 18
Forward Current
2) page 18
I
F = f (VF); TS = 25 °C
Farbortverschiebung
2) Seite 18
Chromaticity Coordinate Shift
2) Seite 18
x, y =
f (I
F); TS = 25 °C
Relative Lichtstrom
2) 5) Seite 18
Relative Luminous Flux
2) 5) page 18
Φ
V/ΦV(500 mA) = f (I
F); TS = 25 °C
OHL04472
F
I
V
mA
2.6
F
V
0
2.8 3.0 3.2 3.4 3.6
4.0
100
200
300
400
500
0
OHL04471
Cx,
Δ
Cy
Δ
F
I
Cx
Cy
mA
100
200
300
400
500
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.010
OHL04473
I
F
Φ (500 mA)
V
V
Φ
100
0
mA
200
300
400
500
0.2
0.4
0.6
0.8
1.0
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com