Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6565ACBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6565ACBZ
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6565ACBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6565ACBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6565ACBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6565ACBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6565ACBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6565ACBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6565ACBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6565ACBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6565ACBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6565ACBZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ISL6565A, ISL6565B
FN9135 Rev 4.00
Page 13 of 28
Dec 1, 2005
The filtered error signal modifies the pulse width
commanded by VCOMP to correct any unbalance and force
IER toward zero. The same method for error signal
correction is applied to each active channel.
Channel-current balance is essential in realizing the thermal
advantage of multi-phase operation. The heat generated in
conversion is dissipated over multiple devices and a large
area. The designer avoids the complexity of driving multiple
parallel MOSFETs, and the expense of using heat sinks and
non-standard magnetic materials.
Voltage Regulation
The integrating compensation network shown in Figure 7
insures that the steady-state error in the output voltage is
limited only to the error in the reference voltage (output of
the DAC) and offset errors in the OFS current source,
remote-sense and error amplifiers. Intersil specifies the
guaranteed tolerance of the ISL6565A, ISL6565B to include
the combined tolerances of each of these elements.
The output of the error amplifier, VCOMP, is compared to the
sawtooth waveform to generate the PWM signals. The PWM
signals control the timing of the Intersil MOSFET drivers and
regulate the converter output to the specified reference
voltage. The internal and external circuitry that controls
voltage regulation is illustrated in Figure 7.
The ISL6565 incorporates an internal differential remote-
sense amplifier in the feedback path. The amplifier removes
the voltage error encountered when measuring the output
voltage relative to the controller ground reference point
resulting in a more accurate means of sensing output
voltage. Connect the microprocessor sense pins to the non-
inverting input, VSEN, and inverting input, RGND, of the
remote-sense amplifier. The remote-sense output, VDIFF, is
connected to the inverting input of the error amplifier through
an external resistor.
A digital to analog converter (DAC) generates a reference
voltage based on the state of logic signals at pins VID4
through VID12.5. The DAC decodes the 6-bit logic signal
(VID) into one of the discrete voltages shown in Table 1.
Each VID input offers a 20
A pull-up to an internal 2.5V
source for use with open-drain outputs. The pull-up current
diminishes to zero above the logic threshold to protect
voltage-sensitive output devices. External pull-up resistors
can augment the pull-up current sources in case leakage
into the driving device is greater than 20
A.
FIGURE 6. CHANNEL-1 PWM FUNCTION AND CURRENT-
BALANCE ADJUSTMENT
N
IAVG
I3 *
I2
-
+
+
-
+
-
f(s)
PWM1
I1
VCOMP
SAWTOOTH SIGNAL
IER
NOTE: *CHANNEL 3 IS OPTIONAL.
FILTER
FIGURE 7. OUTPUT VOLTAGE AND LOAD-LINE
REGULATION WITH OFFSET ADUJUSTMENT
IAVG
EXTERNAL CIRCUIT
ISL6565 INTERNAL CIRCUIT
COMP
RC
RFB
FB
VDIFF
VSEN
RGND
-
+
VDROOP
ERROR AMPLIFIER
-
+
VOUT+
DIFFERENTIAL
REMOTE-SENSE
AMPLIFIER
VCOMP
CC
REF
RTCOMP
CREF
-
+
VOUT-
VID DAC
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com