Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRD9855 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRD9855
Description  CCD Image Digitizers with CDS, PGA and 10-Bit A/D
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9855 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRD9855 Datasheet HTML 3Page - Exar Corporation XRD9855 Datasheet HTML 4Page - Exar Corporation XRD9855 Datasheet HTML 5Page - Exar Corporation XRD9855 Datasheet HTML 6Page - Exar Corporation XRD9855 Datasheet HTML 7Page - Exar Corporation XRD9855 Datasheet HTML 8Page - Exar Corporation XRD9855 Datasheet HTML 9Page - Exar Corporation XRD9855 Datasheet HTML 10Page - Exar Corporation XRD9855 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
XRD9855/9856
XRD98L55/98L56
7
Rev. 1.01
DC ELECTRICAL CHARACTERISTICS – XRD9855 and XRD9856 (CONT'D)
Unless otherwise specified: DVDD = VDD = 5.0V, Pixel Rate = 18MSPS, VRT = 3.8V, VRB = 0.5V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Digital I/O Timing
TDL
Data Valid Delay
20
25
ns
TPW1
Pulse Width of SHD
10
ns
TPW2
Pulse Width of SHD
10
ns
TPIX
Pixel Period
37
56
ns
TBK
Sample Black Aperture Delay
6
ns
VDD = 4.5V to 5.5V,
Temperature -40°C to 85°C range
TVD
Sample Video Aperture Delay
5
ns
VDD = 4.5V to 5.5V,
Temperature -40°C to 85°C range
TRST
RSTCCD Switch Delay
0
4
ns
VDD = 4.5V to 5.5V,
Temperature -40°C to 85°C range
TSC
Shift Clock Period
50
100
ns
TSET
Shift Register Setup Time
10
ns
Latency
Pipeline Delay
4
cycles
Power Supplies
VDD
Analog Supply Voltage
4.5
5.0
5.5
V
DVDD
Digital Output Supply Voltage
2.7
5.0
5.5
V
DVDD < VDD Always
IDD
Supply Current
50
75
mA
DVDD = VDD = 5.0V (XRD9855)
IDD27
Supply Current @ 27MHz
55
85
mA
FS = 27MHz (XRD9856)
IDDPD
Power Down Supply Current
50
100
µA
STBY1 = 0 and STBY2 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com