Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT83SL38IB Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT83SL38IB
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38IB Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT83SL38IB Datasheet HTML 3Page - Exar Corporation XRT83SL38IB Datasheet HTML 4Page - Exar Corporation XRT83SL38IB Datasheet HTML 5Page - Exar Corporation XRT83SL38IB Datasheet HTML 6Page - Exar Corporation XRT83SL38IB Datasheet HTML 7Page - Exar Corporation XRT83SL38IB Datasheet HTML 8Page - Exar Corporation XRT83SL38IB Datasheet HTML 9Page - Exar Corporation XRT83SL38IB Datasheet HTML 10Page - Exar Corporation XRT83SL38IB Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
XRT83SL38
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.1.0
III
TABLE 33: MICROPROCESSOR REGISTER #14, BIT DESCRIPTION ......................................................... 65
TABLE 34: MICROPROCESSOR REGISTER #15, BIT DESCRIPTION ......................................................... 65
TABLE 35: MICROPROCESSOR REGISTER #128, BIT DESCRIPTION ....................................................... 66
CLOCK SELECT REGISTER ............................................................................................ 67
Figure 23. Register 0x81h Sub Registers ...................................................................................... 67
TABLE 36: MICROPROCESSOR REGISTER #129, BIT DESCRIPTION ....................................................... 68
TABLE 37: MICROPROCESSOR REGISTER #130, BIT DESCRIPTION ....................................................... 69
TABLE 38: MICROPROCESSOR REGISTER #131, BIT DESCRIPTION ....................................................... 71
TABLE 39: MICROPROCESSOR REGISTER #192, BIT DESCRIPTION ....................................................... 72
ELECTRICAL CHARACTERISTICS ................................................................................. 73
TABLE 40: ABSOLUTE MAXIMUM RATINGS ........................................................................................... 73
TABLE 41: DC DIGITAL INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS ........................................ 73
TABLE 42: XRT83SL38 POWER CONSUMPTION ................................................................................. 73
TABLE 43: E1 RECEIVER ELECTRICAL CHARACTERISTICS .................................................................... 74
TABLE 44: T1 RECEIVER ELECTRICAL CHARACTERISTICS .................................................................... 75
TABLE 45: E1 TRANSMIT RETURN LOSS REQUIREMENT ....................................................................... 75
TABLE 46: E1 TRANSMITTER ELECTRICAL CHARACTERISTICS .............................................................. 76
TABLE 47: T1 TRANSMITTER ELECTRICAL CHARACTERISTICS .............................................................. 76
Figure 24. ITU G.703 Pulse Template ............................................................................................. 77
TABLE 48: TRANSMIT PULSE MASK SPECIFICATION ............................................................................. 77
Figure 25. DSX-1 Pulse Template (normalized amplitude) .......................................................... 78
TABLE 49: DSX1 INTERFACE ISOLATED PULSE MASK AND CORNER POINTS .......................................... 78
TABLE 50: AC ELECTRICAL CHARACTERISTICS ................................................................................... 79
Figure 26. Transmit Clock and Input Data Timing ........................................................................ 79
Figure 27. Receive Clock and Output Data Timing ...................................................................... 80
MICROPROCESSOR INTERFACE I/O TIMING .................................................................................................. 81
Intel Interface Timing - Asynchronous .............................................................................................................. 81
Figure 28. Intel Asynchronous Programmed I/O Interface Timing ............................................. 81
TABLE 51: ASYNCHRONOUS MODE 1 - INTEL 8051 AND 80188 INTERFACE TIMING ............................... 81
Motorola Asychronous Interface Timing ........................................................................................................... 82
Figure 29. Motorola 68K Asynchronous Programmed I/O Interface Timing .............................. 82
TABLE 52: ASYNCHRONOUS - MOTOROLA 68K - INTERFACE TIMING SPECIFICATION ............................. 82
Figure 30. Microprocessor Interface Timing - Reset Pulse Width .............................................. 82
208 LEAD TQFP ........................................................................................................................... 83
(28 X 28 X 1.4MM) ........................................................................................................................ 83
225 BALL PLASTIC BALL GRID ARRAY (BOTTOM VIEW) .................................................................. 84
(19.0 X 19.0 X 1.0MM) ................................................................................................................. 84
ORDERING INFORMATION .................................................................................................................... 85
REVISIONS .............................................................................................................................................. 85
NOTES: ......................................................................................................................................... 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com