Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6569ACRZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6569ACRZ
Description  Multi-Phase PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6569ACRZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6569ACRZ Datasheet HTML 1Page - Renesas Technology Corp ISL6569ACRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6569ACRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6569ACRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6569ACRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6569ACRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6569ACRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6569ACRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6569ACRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FN9092 Rev 2.00
Page 1 of 22
Dec 29, 2004
FN9092
Rev 2.00
Dec 29, 2004
ISL6569A
Multi-Phase PWM Controller
DATASHEET
The ISL6569A provides core-voltage regulation by driving
two interleaved synchronous-rectified buck-converter
channels in parallel. Interleaving the channel timing results
in increased ripple frequency which reduces input and output
ripple currents. The reduction in ripple results in lower
component cost, reduced dissipation, and a smaller
implementation area.
The ISL6569A uses cost and space-saving rDS(ON) sensing
for channel current balance, active voltage positioning, and
over-current protection. Output voltage is monitored by an
internal differential remote sense amplifier. A high-bandwidth
error amplifier drives the output voltage to match the
programmed 5-bit DAC reference voltage. The resulting
compensation signal guides the creation of pulse width
modulated (PWM) signals to control companion Intersil
MOSFET drivers. The OFS pin allows direct offset of the
DAC voltage from 0V to 50mV using a single external
resistor. The reference and amplifiers are trimmed to ensure
a system accuracy of ±0.5% over temperature.
Outstanding features of this controller IC include
Dynamic VIDTM technology allowing seamless on-the-fly VID
changing without the need of any external components.
Output voltage “droop” or active voltage positioning is
optional. When employed, it allows the reduction in size and
cost of the output capacitors required to support load
transients. A threshold-sensitive enable input allows the use
of an external resistor divider for start-up coordination with
Intersil MOSFET drivers or any other devices powered from
a separate supply.
Superior over-voltage protection is achieved by gating on the
lower MOSFET of all phases to crowbar the output voltage.
An optional second crowbar on VIN, formed with an external
MOSFET or SCR gated by the OVP pin, is triggered when
an over-voltage condition is detected. Under-voltage
conditions are detected, but PWM operation is not disrupted.
Over-current conditions cause a hiccup-mode response as
the controller repeatedly tries to restart. After a set number
of failed startup attempts, the controller latches off. A power
good logic signal indicates when the converter output is
between the UV and OV thresholds.
Features
• Multi-Phase Power Conversion
- 2 Phase Operation
• Active Channel Current Balancing
• Precision rDS(ON) Current Sharing
- Lossless
-Low Cost
• Input Voltage: 12V or 5V Bias
• Precision CORE Voltage Regulation
-±
0.5% System Accuracy Over Temperature
- Differential Remote Output Voltage Sensing
- Programmable Reference Offset
• Microprocessor Voltage Identification Input
- 5-Bit VID Input
- 0.800V to 1.550V in 25mV Steps
- Dynamic VIDTM Technology
• Programmable Droop Voltage
• Fast Transient Recovery Time
• Over Current Protection
• Digital Soft Start
• Threshold Sensitive Enable Input
• High Ripple Frequency (160kHz to 2MHz)
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-Free Available (RoHS Compliant)
Applications
• AMD Hammer Family Processor Voltage Regulator
• Low Output Voltage, High Current DC-DC Converters
• Voltage Regulator Modules
Ordering Information
PART NUMBER
TEMP.
(oC)
PACKAGE
PKG.
DWG. #
ISL6569ACB
0 to 70 24 Ld SOIC
M24.3
ISL6569ACBZ (Note) 0 to 70 24 Ld SOIC (Pb-free)
M24.3
ISL6569ACR
0 to 85 32 Ld 5x5 QFN
L32.5x5
ISL6569ACRZ (Note) 0 to 85 32 Ld 5x5 QFN (Pb-free) L32.5x5
Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish, which are
RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - ISL6569ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6569ACRZ INTERSIL-ISL6569ACRZ Datasheet
514Kb / 22P
Multi-Phase PWM Controller
December 29, 2004
More results

Similar Description - ISL6569ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
Multi-Phase PWM Controller
December 28, 2004
ISL6559 INTERSIL-ISL6559 Datasheet
606Kb / 21P
Multi-Phase PWM Controller
December 29, 2004
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
Multi-Phase PWM Controller
December 29, 2004
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
Multi-Phase PWM Controller
December 29, 2004
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
Multi-Platform Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
Multi-Phase PWM Controller
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com