Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VC-700-CFF-FAM Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VC-700-CFF-FAM
Description  Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-700-CFF-FAM Datasheet(HTML) 2 Page - Vectron International, Inc

  VC-700-CFF-FAM Datasheet HTML 1Page - Vectron International, Inc VC-700-CFF-FAM Datasheet HTML 2Page - Vectron International, Inc VC-700-CFF-FAM Datasheet HTML 3Page - Vectron International, Inc VC-700-CFF-FAM Datasheet HTML 4Page - Vectron International, Inc VC-700-CFF-FAM Datasheet HTML 5Page - Vectron International, Inc VC-700-CFF-FAM Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VC-700 Voltage Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
2
Electrical Performance
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Frequency
fO
77.76
180
MHz
Supply Voltage
(+3.3V)
VDD
3.15
3.3
3.45
V
(+5.0V)
VDD
4.75
5.0
5.25
V
Supply Current
IDD
<65
mA
Output Logic Levels
Output Logic High
0/70 ˚C
VOH
Vcc -1.025
Vcc -0.880
V
Output Logic low
0/70 ˚C
VOL
Vcc -1.810
Vcc -1.620
V
Output Logic High
-40/85 ˚C
VOH
Vcc -1.085
Vcc -1.880
V
Output Logic low
-40/85 ˚C
VOL
Vcc -1.830
Vcc -1.555
V
Transition Times
Rise Time
tR
1ns
Fall Time
tF
1ns
Symmetry or Duty Cycle
SYM
45
50
55
%
Operating Temperature ordering option
0/70 or -40/85
°C
Jitter (12 kHz – 20 MHz BW)
0.3
ps (RMS)
Jitter (50 kHz – 80 MHz BW)
0.5
ps (RMS)
Test Conditions for APR (+5V option)VC
0.5
4.5
V
Test Conditions for APR (+3.3V option)VC
0.3
3.0
V
Absolute Pull Range (APR)
APR
±32
ppm
±50
Gain Transfer
Positive
Control Voltage Bandwidth (-3dB)
BW
10
kHz
Package Size
5.0 x 7.5 x 2.8
10188_VECTRON
05/21/03
3:14 PM
Page 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com