Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATR2406-DEV-BOARD Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR2406-DEV-BOARD
Description  LOW IF .4 GHZ ISM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2406-DEV-BOARD Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR2406-DEV-BOARD Datasheet HTML 1Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 2Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 3Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 4Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 5Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 6Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 7Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 8Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
ATR2406 [Preliminary]
4779F–ISM–09/04
Functional Description
Receiver
The RF signal at RF_IN is differently fed through the LNA to the image rejection mixer
IR_MIXER driving the integrated LowIF bandpass filter. The IF frequency is
864 kHz.The limiting IF_AMP with an integrated RSSI function feeds the signal to the
digital demodulator DEMOD. No tuning is required. Datasling is handled internally.
Clock Recovery
For 1152 kBit/s data rate the receiver has a clock recovery function on-chip.
The receiver includes a clock recovery circuit which regenerates the clock out of the
received data. The advantage is that this recovered clock is synchronous to the clock of
the transmitting device (and thus to the transmitted data) which allows to reduce the
load of the processing microcontroller significantly.
The falling edge of the clock gives the optimal sampling position for the RX_Data signal
so at this event the data must be sampled by the microcontroller. The recovered clock is
available at pin 6.
Transmitter
The transmit data at TX_DATA is filtered by an integrated Gaussian Filter GF and fed to
the fully integrated VCO operating at twice the output frequency. After modulation the
signal is frequency-divided by 2 and fed to the internal preamplifier PA. This preamplifier
supplies typically +4 dBm output power at TX_OUT.
A ramp-signal generator RAMP_GEN, providing a ramp signal at RAMP_OUT for the
external power amplifier, is integrated. The slope of the ramp signal is controlled inter-
nally so that spurious requirements are fulfilled.
Synthesizer
The IR_MIXER, the PA and the programmable counter PC are driven by the fully inte-
grated VCO, using on-chip inductors and varactors. The output signal is frequency
divided to supply the desired frequency to the TX_DRIVER, 0/90 degree phase shifter
fo r t he IR _M IX ER a n d t o be u s ed b y t he P C fo r th e ph as e d e t e c t o r P D
(f
PD = 1.728 MHz). Open loop modulation is supported.
Power Supply
An integrated bandgap-stabilized voltage regulator for use with an external low-cost
PNP transistor is implemented. Multiple power-down and current saving modes are
provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com