Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9440B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL9440B
Description  Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9440B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL9440B Datasheet HTML 17Page - Renesas Technology Corp ISL9440B Datasheet HTML 18Page - Renesas Technology Corp ISL9440B Datasheet HTML 19Page - Renesas Technology Corp ISL9440B Datasheet HTML 20Page - Renesas Technology Corp ISL9440B Datasheet HTML 21Page - Renesas Technology Corp ISL9440B Datasheet HTML 22Page - Renesas Technology Corp ISL9440B Datasheet HTML 23Page - Renesas Technology Corp ISL9440B Datasheet HTML 24Page - Renesas Technology Corp ISL9440B Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ISL9440B, ISL9440C
FN6799 Rev 4.00
Page 21 of 25
February 18, 2016
The linear regulator output can be supplied by the output of
one of the PWMs. When using a PFET, the output of the linear
regulator will track the PWM supply after the PWM output rises
to a voltage greater than the threshold of the PFET pass
device. The voltage differential between the PWM and the
linear output will be the load current times the rDS(ON).
Base-Drive Noise Reduction
The high-impedance base driver is susceptible to system
noise, especially when the linear regulator is lightly loaded.
Capacitively coupled switching noise or inductively coupled
EMI onto the base drive causes fluctuations in the base
current, which appear as noise on the linear regulator’s output.
Keep the base drive traces away from the step-down
converter, and as short as possible, to minimize noise
coupling. A resistor in series with the gate drivers reduces the
switching noise generated by PWM. Additionally, a bypass
capacitor may be placed across the base-to-emitter resistor.
This bypass capacitor, in addition to the transistor’s input
capacitor, could bring in a second pole that will destabilize the
linear regulator. Therefore, the stability requirements determine
the maximum base-to-emitter capacitance.
Layout Guidelines
Careful attention to layout requirements is necessary for
successful implementation of an ISL9440B and ISL9440C
based DC/DC converter. The ISL9440B and ISL9440C switch
at a very high frequency and therefore, the switching times are
very short. At these switching frequencies, even the shortest
trace has significant impedance. Also, the peak gate drive
current rises significantly in an extremely short time. Transition
speed of the current from one device to another causes
voltage spikes across the interconnecting impedances and
parasitic circuit elements. These voltage spikes can degrade
efficiency, generate EMI, increase device overvoltage stress
and ringing. Careful component selection and proper PC board
layout minimizes the magnitude of these voltage spikes.
There are three sets of critical components in a DC/DC
converter using the ISL9440B and ISL9440C: the controller,
the switching power components and the small signal
components. The switching power components are the most
critical from a layout point of view because they switch a large
amount of energy so they tend to generate a large amount of
noise. The critical small signal components are those
connected to sensitive nodes or those supplying critical bias
currents. A multi-layer printed circuit board is recommended.
Layout Considerations
1. The Input capacitors, Upper FET, Lower FET, Inductor and
Output capacitor should be placed first. Isolate these power
components on the topside of the board with their ground
terminals adjacent to one another. Place the input high
frequency decoupling ceramic capacitor very close to the
MOSFETs.
2. Use separate ground planes for power ground and small
signal ground. Connect the SGND and PGND together
close to the IC. Do not connect them together anywhere
else.
3. The loop formed by Input capacitor, the top FET and the
bottom FET must be kept as small as possible.
4. Ensure the current paths from the input capacitor to the
MOSFET, to the output inductor and output capacitor are as
short as possible with maximum allowable trace widths.
5. Place The PWM controller IC close to lower FET. The
LGATE connection should be short and wide. The IC can be
best placed over a quiet ground area. Avoid switching
ground loop current in this area.
6. Place VCC_5V bypass capacitor very close to VCC_5V pin
of the IC and connect its ground to the PGND plane.
7. Place the gate drive components BOOT diode and BOOT
capacitors together near controller IC.
8. The output capacitors should be placed as close to the load
as possible. Use short wide copper regions to connect
output capacitors-to-load to avoid inductance and
resistances.
9. Use copper filled polygons or wide but short trace to
connect the junction of upper FET, Lower FET and output
inductor. Also keep the PHASE node connection to the IC
short. Do not unnecessarily oversize the copper islands for
PHASE node. Since the phase nodes are subjected to very
high dv/dt voltages, the stray capacitor formed between
these islands and the surrounding circuitry will tend to
couple switching noise.
10. Route all high speed switching nodes away from the control
circuitry.
11. Create a separate small analog ground plane near the IC.
Connect the SGND pin to this plane. All small signal
grounding paths including feedback resistors, current limit
setting resistors and ENx pull-down resistors should be
connected to this SGND plane.
12. Separate current sensing traces from PHASE node
connections
13. Ensure the feedback connection to the output capacitor is
short and direct.
Component Selection Guidelines
MOSFET Considerations
The logic level MOSFETs are chosen for optimum efficiency
given the potentially wide input voltage range and output power
requirements. Two N-Channel MOSFETs are used in each of
the synchronous-rectified buck converters for the 3 PWM
outputs. These MOSFETs should be selected based upon
rDS(ON), gate supply requirements, and thermal management
considerations.
The power dissipation includes two loss components;
conduction loss and switching loss. These losses are
distributed between the upper and lower MOSFETs according
to duty cycle (see Equations 11 and 12). The conduction
losses are the main component of power dissipation for the
lower MOSFETs. Only the upper MOSFET has significant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com