Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29PDLI27H68PCIN Datasheet(PDF) 24 Page - SPANSION

Part # AM29PDLI27H68PCIN
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDLI27H68PCIN Datasheet(HTML) 24 Page - SPANSION

Back Button AM29PDLI27H68PCIN Datasheet HTML 20Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 21Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 22Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 23Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 24Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 25Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 26Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 27Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
22
Am29PDL127H
June 30, 2003
ADV ANCE
I N FO RMAT I O N
Table 6.
Autoselect Codes (High Voltage Method)
Legend: L = Logic Low = VIL, H = Logic High = VIH, BA = Bank Address, SA = Sector Address, X = Don’t care. Note: The autoselect codes may also
be accessed in-system via command sequences
Description
CE#
OE#
WE#
A22
to
A12
A10
A9
A8
A7
A6
A5
to
A4
A3
A2
A1
A0
DQ15
to DQ0
Manufacturer ID:
AMD
LL
H
X
X
V
ID
X
L
L
X
L
L
L
L
0001h
Read
Cycle 1
L
LH
X
X
V
ID
XL
L
L
L
L
L
H
227Eh
Read
Cycle 2
L
H
H
H
L
2220
Read
Cycle 3
L
H
H
H
H
2200h
Sector Protection
Verification
LL
H
SA
X
V
ID
XL
L
L
L
L
H
L
0001h (protected),
0000h (unprotected)
SecSi Indicator Bit
(DQ7, DQ6)
LL
H
X
X
V
ID
XX
L
X
L
L
H
H
00C0h (factory and
customer locked),
0080h (factory
locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com