Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29PDLI27H88PCIN Datasheet(PDF) 7 Page - SPANSION

Part # AM29PDLI27H88PCIN
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDLI27H88PCIN Datasheet(HTML) 7 Page - SPANSION

Back Button AM29PDLI27H88PCIN Datasheet HTML 3Page - SPANSION AM29PDLI27H88PCIN Datasheet HTML 4Page - SPANSION AM29PDLI27H88PCIN Datasheet HTML 5Page - SPANSION AM29PDLI27H88PCIN Datasheet HTML 6Page - SPANSION AM29PDLI27H88PCIN Datasheet HTML 7Page - SPANSION AM29PDLI27H88PCIN Datasheet HTML 8Page - SPANSION AM29PDLI27H88PCIN Datasheet HTML 9Page - SPANSION AM29PDLI27H88PCIN Datasheet HTML 10Page - SPANSION AM29PDLI27H88PCIN Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
June 30, 2003
Am29PDL127H
5
ADV ANCE
I N FO RMAT I O N
PRODUCT SELECTOR GUIDE
* Contact factory for availability
BLOCK DIAGRAM
Note:RY/BY# is an open drain output.
Part Number
Am29PDL127H
Speed Option
VCC,VIO = 2.7–3.3 V
53
VCC,VIO = 2.7–3.6 V
63
83
VCC = 2.7–3.6 V,
VIO = 1.65–1.95 V
68
88
Max Access Time, ns (t
ACC)
55
65
65
85
Max CE# Access, ns (t
CE)
Max Page Access, ns (t
PACC)
20
25
30
30
Max OE# Access, ns (t
OE)
VCC
VSS
State
Control
Command
Register
PGM Voltage
Generator
VCC Detector
Timer
Erase Voltage
Generator
Input/Output
Buffers
Sector
Switches
Chip Enable
Output Enable
Logic
Y-Gating
Cell Matrix
Y-Decoder
X-Decoder
Data Latch
RESET#
RY/BY# (See Note)
A22–A3
A2–A0
CE#
WE#
DQ15–DQ0
VIO
OE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com