Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68124IRAZ Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # ISL68124IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68124IRAZ Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button ISL68124IRAZ Datasheet HTML 37Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 38Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 39Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 41Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 42Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 43Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 44Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
ISL68124
FN8796 Rev.2.00
Page 41 of 46
June 16, 2017
READ_IOUT (8Ch)
Definition: Returns the output current reading.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: Read Only
Default Value: N/A
Units: A
Equation: READ_IOUT = (Direct value)/10
READ_TEMPERATURE_1 (8Dh)
Definition: Returns the temperature reading of the power stage.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: Read Only
Default Value: N/A
Units: °C
Equation: READ_TEMPERATURE_1 = (Direct value)
READ_TEMPERATURE_2 (8Eh)
Definition: Returns the temperature reading from a remote diode connected to TMON0 when configured for diode sensing.
Paged or Global: Global
Data Length in Bytes: 2
Data Format: Direct
Type: Read Only
Default Value: N/A
Units: °C
Equation: READ_TEMPERATURE_2 = (Direct value)
COMMAND
READ_IOUT (8Ch)
Format
Direct
Bit Position
15
14
13
12
11
10
987
65
43
21
0
Access
R
R
R
R
R
R
RRR
RR
RR
RR
R
Function
Two’s Complement Integer
COMMAND
READ_TEMPERATURE_1 (8Dh)
Format
Direct
Bit Position
15
14
13
12
11
10
987
65
43
21
0
Access
R
R
R
R
R
R
RRR
RR
RR
RR
R
Function
Two’s Complement Integer
COMMAND
READ_TEMPERATURE_2 (8Eh)
Format
Direct
Bit Position
15
14
13
12
11
10
987
65
43
21
0
Access
R
R
R
R
R
R
RRR
RR
RR
RR
R
Function
Two’s Complement Integer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com