Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68127IRAZ Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 26Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 27Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 28Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 29Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 30Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 31Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 32Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 33Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
ISL68127
FN8748 Rev.1.00
Page 30 of 47
Jun 26, 2017
VOUT_MIN (2Bh)
Definition: Sets the minimum allowed VOUT target regardless of any other commands or combinations.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: R/W
Default Value: 0000h (0mV)
Units: mV
Equation: VOUT_MIN = (Direct value)
Range: 0V to VOUT_MAX
VOUT_OV_FAULT_LIMIT (40h)
Definition: Sets the output overvoltage fault threshold. Changes to this setting require a write to the APPLY_SETTINGS command before
the change will take effect.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: R/W
Default Value: 076Ch (1900mV)
Units: mV
Equation: VOUT_OV_FAULT_LIMIT = (Direct value)
Range: 0V to VOUT_MAX
COMMAND
VOUT_MIN (2Bh)
Format
Direct
Bit Position
15
14
13
12
11
10
9
8
7
654
32
10
Access
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Function
Unsigned Integer
Default Value
0
0
000
00
00
000
00
00
COMMAND
VOUT_OV_FAULT_LIMIT (40h)
Format
Direct
Bit Position
15
14
13
12
11
10
9
8
7
654
32
10
Access
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Function
Unsigned Integer
Default Value
0
0
000
11
10
110
11
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com