Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68137IRAZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL68137IRAZ
Description  Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68137IRAZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL68137IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
ISL68137
FN8757 Rev.1.00
Page 10 of 54
Jun 26, 2017
Absolute Maximum Ratings
Thermal Information
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.3V
VCCS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.6V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . (GND - 0.3V) to VCC + 0.3V
ESD Rating:
Human Body Model (Tested per JS-001-2014) . . . . . . . . . . . . . . . . . . 2kV
Charged Device Model (Tested per JS-002-2014) . . . . . . . . . . . . . . . 1kV
Latch-Up (Tested per JESD-78E; Class 2, Level A). . . . . . . . . . . . . . . 100mA
Thermal Resistance (Notes 4, 5)
JA (°C/W) JC (°C/W)
48 Ld 6x6 QFN Package . . . . . . . . . . . . . . .
27
1
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.3V ±5%
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3.05V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features. See TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Recommended operating conditions, VCC = 3.3V, unless otherwise specified. Boldface limits apply across the
operating temperature range -40°C to +85°C.
PARAMETER
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNIT
VCC SUPPLY CURRENT
Nominal Supply Current
VCC = 3.3VDC; EN1/2 = VIH, fSW = 400kHz
90.5
mA
Shutdown Supply Current
VCC = 3.3VDC; EN1/2 = 0V, no switching
11.4
mA
VCCS LDO SUPPLY
Output Voltage
1.20
1.25
1.30
V
Maximum Current Capability
Excluding internal load
50
mA
POWER-ON RESET AND INPUT VOLTAGE LOCKOUT
VCC Rising POR Threshold
2.7
2.9
V
VCC Falling POR Threshold
1.0
V
Enable (EN0 and EN1) Input High Level
2.55
V
Enable (EN0 and EN1) Input Low Level
0.8
V
Enable (EN0 and EN1) LOW to HIGH Ramp Delay
(TON_DELAY)
200
µs
POR to Initialization Complete Time
30
40
ms
OUTPUT VOLTAGE CHARACTERISTICS (Note 6)
Output Voltage Adjustment Range
0.25
3.05
V
Output Voltage Set-Point Accuracy
Set-point 0.8V to 3.05V
-0.5
0.5
%
Set-point 0.25V to <0.8V
-5
5
mV
VOLTAGE SENSE AMPLIFIER
Open Sense Current
Only during open pin check of initialization
22
µA
Input Impedance (VSEN - RGND)
200
kΩ
Maximum Common-Mode Input
VCC - 0.2
V
Maximum Differential Input (VSEN - RGND)
3.05
V
CURRENT SENSE AND OVERCURRENT PROTECTION
Maximum Common-Mode Input (SPS mode)
CSRTNx - GND
1.6
V
Maximum Common-Mode Input (DCR mode)
CSRTNx - GND
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com