Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

301273U6R3JS2 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 301273U6R3JS2
Description  High Capacitance and Ultra-Low ESR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

301273U6R3JS2 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  301273U6R3JS2 Datasheet HTML 1Page - Cornell Dubilier Electronics 301273U6R3JS2 Datasheet HTML 2Page - Cornell Dubilier Electronics 301273U6R3JS2 Datasheet HTML 3Page - Cornell Dubilier Electronics 301273U6R3JS2 Datasheet HTML 4Page - Cornell Dubilier Electronics 301273U6R3JS2 Datasheet HTML 5Page - Cornell Dubilier Electronics 301273U6R3JS2 Datasheet HTML 6Page - Cornell Dubilier Electronics 301273U6R3JS2 Datasheet HTML 7Page - Cornell Dubilier Electronics 301273U6R3JS2 Datasheet HTML 8Page - Cornell Dubilier Electronics 301273U6R3JS2 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
High Capacitance and Ultra-Low ESR
Load Life
RoHS, ≥ .77”
RoHS, < .77”
Non-RoHS, < .77”
4000 h at full load at 85 °C
2000 h at full load at 85 °C
4000 h at full load at 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
500 h at 105 °C, capacitance, ESR and DCL, initial requirements
Vibration
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
Part Numbering System
NR
301R
333
U
6R3
JS
2
E
RoHS
Type
Capacitance
Tolerance
Voltage
Case Code
Insulation
Epoxy
Blank = Compliant
300 - 3 leads
152 = 1500 µF
M = ±20
6R3 =6.3 V
0 = bare can
E = epoxy
NR = Non Compliant 300R- 3 leads, low ESR
102 = 1000 µF
T = 10% +50%
063 = 63 Vdc
1 = Polyester
301 - 2 leads
U = –10 +75%
100 = 100 Vdc
2 = PVC
Blank = no epoxy
(exceeds Pb)
301R- 2 leads, low ESR
w/standofs*
301A- Laydown 3 leads
9 = Polyester w/standofs*
*Not available in .77” diameter
Outline Drawing
0.77”, 0.895” and 1.02” Diameters
L
L
+0.015
-0.032
.250
0.51”, 0.65” and .73” Diameters
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com