Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EAPL2835YA3 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # EAPL2835YA3
Description  Optical indicator.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPL2835YA3 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  EAPL2835YA3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAPL2835YA3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPL2835YA3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPL2835YA3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPL2835YA3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPL2835YA3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAPL2835YA3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAPL2835YA3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAPL2835YA3 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Peak Forward Current
(Duty 1/10 @ 1KHz)
IFP
60
mA
Power Dissipation
Pd
60
mW
Electrostatic Discharge(HBM)
ESD
2000
V
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +90
℃
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
℃
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
IV
32
-----
72
mcd
IF=20mA
Viewing Angle
2θ1/2
-----
120
-----
deg
IF=20mA
Peak Wavelength
λ
p
-----
575
-----
nm
IF=20mA
Dominant Wavelength
λ
d
568
-----
573
nm
IF=20mA
Spectrum Radiation
Bandwidth
△λ
-----
15
-----
nm
IF=20mA
Forward Voltage
VF
1.7
2.1
2.4
V
IF=20mA
Reverse Current
IR
-----
-----
10
uA
VR=5V
Notes:
1. Tolerance of Luminous Intensity: ±11%
2. Tolerance of Dominant Wavelength: ±1nm
3. Tolerance of Forward Voltage: ±0.1V
DATASHEET
EAPL2835YA3
Page 4 of 12
Rev. 0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com