Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

380LQ331M400K032 Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # 380LQ331M400K032
Description  High Capacitance per Case Size
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LQ331M400K032 Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

Back Button 380LQ331M400K032 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LQ331M400K032 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LQ331M400K032 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LQ331M400K032 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LQ331M400K032 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LQ331M400K032 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LQ331M400K032 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LQ331M400K032 Datasheet HTML 9Page - Cornell Dubilier Electronics 380LQ331M400K032 Datasheet HTML 10Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Type 380LQ 85 °C Compact, High Capacitance Snap-in Capacitors
High Capacitance per Case Size
Cap.
Catalog Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +85°C
Size
120 Hz
20 kHz
120 Hz
20 kHz
D x L
(uF)
(ohms)
(ohms)
(A)
(A)
(mm)
315 Vdc (365 Vdc Surge)
1000
380LQ102M315K052
0.199
0.090
3.63
5.08
30 x 50
1000
380LQ102M315A452
0.199
0.109
3.63
5.08
35 x 45
350 Vdc (400 Vdc Surge)
150
380LQ151M350H022
1.330
0.660
1.12
1.57
22 x 30
180
380LQ181M350H022
1.106
0.497
1.20
1.70
22 x 30
220
380LQ221M350H032
0.900
0.452
1.44
2.02
22 x 35
270
380LQ271M350H452
0.737
0.376
1.66
2.32
22 x 45
270
380LQ271M350J022
0.737
0.376
1.66
2.32
25 x 30
330
380LQ331M350J032
0.603
0.301
1.88
2.63
25 x 35
330
380LQ331M350J042
0.600
0.300
1.88
2.63
25 x 40
390
380LQ391M350J042
0.510
0.260
2.06
2.88
25 x 40
390
380LQ391M350K022
0.510
0.255
2.06
2.88
30 x 30
470
380LQ471M350K032
0.423
0.211
2.40
3.36
30 x 35
470
380LQ471M350A022
0.420
0.211
2.39
3.35
35 x 30
560
380LQ561M350K042
0.355
0.178
2.60
3.64
30 x 40
680
380LQ681M350K452
0.293
0.146
2.96
4.14
30 x 45
680
380LQ681M350A032
0.293
0.146
2.96
4.14
35 x 35
820
380LQ821M350K052
0.243
0.121
3.25
4.55
30 x 50
820
380LQ821M350A452
0.243
0.121
3.25
4.55
35 x 45
1000
380LQ102M350A052
0.199
0.109
3.54
4.96
35 x 50
400 Vdc (450 Vdc Surge)
150
380LQ151M400H022
1.659
0.748
0.70
0.98
22 x 30
180
380LQ181M400J032
1.105
0.550
1.44
2.02
25 x 35
220
380LQ221M400H042
0.900
0.450
1.49
2.09
22 x 40
220
380LQ221M400J022
0.905
0.452
1.49
2.09
25 x 30
270
380LQ271M400H452
0.737
0.368
1.67
2.34
22 x 45
270
380LQ271M400K022
0.737
0.368
1.67
2.34
30 x 30
330
380LQ331M400K022
0.603
0.301
1.90
2.66
30 x 30
330
380LQ331M400K032
0.603
0.300
1.90
2.66
30 x 35
330
380LQ331M400A012
0.603
0.301
1.90
2.66
35 x 25
390
380LQ391M400J452
0.510
0.255
2.13
2.98
25 x 45
390
380LQ391M400K032
0.510
0.255
2.13
2.98
30 x 35
390
380LQ391M400A022
0.510
0.255
2.13
2.98
35 x 30
470
380LQ471M400K042
0.423
0.212
2.39
3.35
30 x 40
470
380LQ471M400A032
0.420
0.210
2.39
3.35
35 x 35
560
380LQ561M400K452
0.355
0.178
2.69
3.77
30 x 45
560
380LQ561M400A032
0.355
0.178
2.69
3.77
35 x 35
680
380LQ681M400K052
0.293
0.148
2.96
4.14
30 x 50
680
380LQ681M400A042
0.293
0.148
2.70
3.80
35 x 40
680
380LQ681M400A452
0.293
0.148
2.96
4.14
35 x 45
820
380LQ821M400A452
0.243
0.122
2.95
4.15
35 x 45
820
380LQ821M400A052
0.243
0.122
3.25
4.55
35 x 50
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com