Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

500R103M350DN0FS Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 500R103M350DN0FS
Description  New Higher Ripple Current than Type 500C Screw Terminal Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500R103M350DN0FS Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  500R103M350DN0FS Datasheet HTML 1Page - Cornell Dubilier Electronics 500R103M350DN0FS Datasheet HTML 2Page - Cornell Dubilier Electronics 500R103M350DN0FS Datasheet HTML 3Page - Cornell Dubilier Electronics 500R103M350DN0FS Datasheet HTML 4Page - Cornell Dubilier Electronics 500R103M350DN0FS Datasheet HTML 5Page - Cornell Dubilier Electronics 500R103M350DN0FS Datasheet HTML 6Page - Cornell Dubilier Electronics 500R103M350DN0FS Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
10
1
1
Type 500R 85 °C High Ripple Current, Inverter Grade, Aluminum
New Higher Ripple Current than Type 500C Screw Terminal Type
Typical Performance Curves
10,000 Hour Life Test 10,000 µF 450 V 85 ºC
Type 500R Capacitance vs Temperature & Frequency 2700 µF 420 V
10000.000
25.000
1.2
9000.000
8000.000
20.000
1
Capacitance
ESR
DCL
0
65 ºC
25 ºC
85 ºC
0ºC
–40 ºC
45 ºC
–20 ºC
–30 ºC
7000.000
0.8
6000.000
15.000
5000.000
0.6
4000.000
10.000
3000.000
0.4
2000.000
5.000
1000.000
0.2
0.000
0.000
0
1000 2000 3000 4000 5000 6000 7000 8000 9000 10000
Life Test Hours
10
100
1000
10000
100000
Frequency (Hz)
Type 500R ESR vs Temperature & Frequency 2700 µF 420 V
Type 500R Impedance vs Temperature and Frequency 2700 µF 420 V
1000
10
0.1
–40 ºC
–20 ºC
0 ºC
25 ºC
65 ºC
85 ºC
45 ºC
–30 ºC
0.01
–40 ºC
0 ºC
25 ºC
85 ºC
65 ºC
–20 ºC
45 ºC
–30 ºC
100
1
0.1
10
100
1000
10000
100000
10
100
1000
10000
100000
Frequency (Hz)
Frequency (Hz)
Type 500R ESR vs Temperature & Frequency 1400 µF 450 V
1000
10
Type 500R Impedance vs Temperature and Frequency 1400 µF 450 V
0.1
–40 ºC
–20 ºC
0 ºC
25 ºC
65 ºC
85 ºC
45 ºC
10
100
1000
10000
100000
1000000
–40 ºC
0 ºC
25 ºC
85 ºC
65 ºC
–20 ºC
45 ºC
9.33 Ω at 25 C, 120 Hz
100
0.1
0.01
0.001
10
1
10
100
1000
10000
100000
1000000
Frequency (Hz)
Frequency (Hz)
Type 500R Operating Life in Kilohours vs Ripple Current
1000
Type 500R Capacitance vs Temperature & Frequency 1400 µF 450 V
95 ºC
45 ºC
55 ºC
65 ºC
75
ºC
85
ºC
1.2
0.8
0.6
65 ºC
25 ºC
85 ºC
0 ºC
–40 ºC
45 ºC
–20 ºC
10
100
1000
10000
100000
1000000
100
0.4
0.2
10
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Frequency (Hz)
Rated Ripple-Current Multiple
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
1
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com