Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

782100/35JVC Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # 782100/35JVC
Description  PE22100 Compatible Converter Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

782100/35JVC Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  782100/35JVC Datasheet HTML 1Page - Murata Power Solutions Inc. 782100/35JVC Datasheet HTML 2Page - Murata Power Solutions Inc. 782100/35JVC Datasheet HTML 3Page - Murata Power Solutions Inc. 782100/35JVC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
782100 Series
PE22100 Compatible Converter Transformers
All enquiries: www.murata-ps.com/support
KMP_782100_A02 Page 4 of 4
www.murata-ps.com
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2018 Murata Power Solutions, Inc.
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
TAPE & REEL SPECIFICATIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
30.4
(1.20) Max.
23.9-27.4 (0.94-1.08)
13.50 (0.53)
12.80 (0.50)
1.50 (0.059)
Min.
60 (2.36) Min.
20.20 (0.80) Min.
100 (3.9)
Min.
Leader section
400 (15.7) Min.
Goods
enclosure
section
Trailer section
160 (6.3) Min.
Ø382 (15.039) Max.
Ø
Ø
*
24.4 (0.96)
26.4 (1.04)
Reel quantity: 500
Unless otherwise stated all
dimensions in mm (inches) ±0.25(0.01).
* Includes flange distortion at outer edge.
Measured at hub.
0.60 (0.024) Max.
7.20 (0.283)
9.37 (0.369)
Direction of unreeling
1.75 (0.069)
4.00 (0.157)
2.00 (0.079)
12.00 (0.472)
Cover tape
1.50
(0.059
)
+0.10
-0.00
+0.004
-0.000
Unless otherwise stated all dimensions in mm (inches) ±0.25(0.01).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com