Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC0803LCN Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ADC0803LCN
Description  8-Bit, Microprocessor-Compatible, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0803LCN Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ADC0803LCN Datasheet HTML 2Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 3Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 4Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 5Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 6Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 7Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 8Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 9Page - Renesas Technology Corp ADC0803LCN Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADC0803, ADC0804
FN3094 Rev 4.00
Page 6 of 17
August 2002
FIGURE 6. FULL SCALE ERROR vs fCLK
FIGURE 7. EFFECT OF UNADJUSTED OFFSET ERROR
FIGURE 8. OUTPUT CURRENT vs TEMPERATURE
FIGURE 9. POWER SUPPLY CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
7
6
5
4
3
2
1
0
fCLK (kHz)
0
400
800
1200
1600
2000
V+ = 4.5V
V+ = 5V
V+ = 6V
VIN(+) = VIN(-) = 0V
ASSUMES VOS = 2mV
THIS SHOWS THE NEED
FOR A ZERO ADJUSTMENT
IF THE SPAN IS REDUCED
16
14
12
10
8
6
4
2
VREF/2 (V)
0
0.01
0.1
1.0
5
8
7
6
5
4
3
2
-50
TA AMBIENT TEMPERATURE (oC)
-ISINK
VOUT = 0.4V
ISOURCE
VOUT = 2.4V
DATA OUTPUT
BUFFERS
V+ = 5V
-25
0
25
50
75
100
125
TA AMBIENT TEMPERATURE (oC)
-50
-25
0
25
50
75
100
125
1.6
1.5
1.4
1.3
1.2
1.1
1.0
fCLK = 640kHz
V+ = 5.5V
V+ = 5.0V
V+ = 4.5V
Timing Diagrams
FIGURE 10A. START CONVERSION
tWI
tW(WR)I
1 TO 8 x 1/fCLK
INTERNAL TC
CS
WR
ACTUAL INTERNAL
STATUS OF THE
CONVERTER
INTR
(LAST DATA READ)
(LAST DATA NOT READ)
“NOT BUSY”
“BUSY”
DATA IS VALID IN
OUTPUT LATCHES
INTR
ASSERTED
tVI
1/2 fCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com