Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P40VME6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M25P40VME6
Description  512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40VME6 Datasheet(HTML) 4 Page - STMicroelectronics

  M25P40VME6 Datasheet HTML 1Page - STMicroelectronics M25P40VME6 Datasheet HTML 2Page - STMicroelectronics M25P40VME6 Datasheet HTML 3Page - STMicroelectronics M25P40VME6 Datasheet HTML 4Page - STMicroelectronics M25P40VME6 Datasheet HTML 5Page - STMicroelectronics M25P40VME6 Datasheet HTML 6Page - STMicroelectronics M25P40VME6 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
M25PXX
4/7
Table 3. Instruction Set
Table 4. Status Register Format
Instruction
Description
One-byte Instruction Code
Address
Bytes
Dummy
Bytes
Data
Bytes
WREN
Write Enable
0000 0110
06h
0
0
0
WRDI
Write Disable
0000 0100
04h
0
0
0
RDID
Read Identification
1001 1111
9Fh
0
0
1 to 3
RDSR
Read Status Register
0000 0101
05h
0
0
1 to
∞
WRSR
Write Status Register
0000 0001
01h
0
0
1
READ
Read Data Bytes
0000 0011
03h
3
0
1 to
∞
FAST_READ
Read Data Bytes at Higher Speed
0000 1011
0Bh
3
1
1 to
∞
PP
Page Program
0000 0010
02h
3
0
1 to 256
SE
Sector Erase
1101 1000
D8h
3
0
0
BE
Bulk Erase
1100 0111
C7h
0
0
0
DP
Deep Power-down
1011 1001
B9h
0
0
0
RES
Release from Deep Power-down,
and Read Electronic Signature
1010 1011
ABh
0
3
1 to
∞
Release from Deep Power-down
0
0
0
b7
b0
SRWD
0
0
BP2
BP1
BP0
WEL
WIP
Status Register
Write Protect
Block Protect Bits
Write Enable Latch Bit
Write In Progress Bit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com