Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

500R472M350DN2GS Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 500R472M350DN2GS
Description  New Higher Ripple Current than Type 500C Screw Terminal Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500R472M350DN2GS Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  500R472M350DN2GS Datasheet HTML 1Page - Cornell Dubilier Electronics 500R472M350DN2GS Datasheet HTML 2Page - Cornell Dubilier Electronics 500R472M350DN2GS Datasheet HTML 3Page - Cornell Dubilier Electronics 500R472M350DN2GS Datasheet HTML 4Page - Cornell Dubilier Electronics 500R472M350DN2GS Datasheet HTML 5Page - Cornell Dubilier Electronics 500R472M350DN2GS Datasheet HTML 6Page - Cornell Dubilier Electronics 500R472M350DN2GS Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
click here to see hardware and mounting options
Type 500R 85 °C High Ripple Current, Inverter Grade, Aluminum
New Higher Ripple Current than Type 500C Screw Terminal Type
The Type 500R is a higher ripple-current version of CDE’s long-life Type
500C specifcally designed to provide the ripple current capability
and long life required for high reliability inverter applications.  Like
the 500C, the 500R has an endurance rating of 5,000 hours at +85 °C
with the rated ripple current applied, and it is ofered in the 350 V to
500 V ratings appropriate for  use as dc-link bus capacitors in inverter
applications.
Highlights
- Large can sizes
- Screw terminals, english and metric
- 5000 hour rated ripple current life
- Higher ripple current than 500C
- 350 to 500 Vdc ratings
- RoHS compliant
Specifcations
Temperature Range
–40 °C to +85 °C
Rated Voltage Range
350 Vdc to 500 Vdc
Capacitance Range
1,100 uF to 18,000 µF
Capacitance Tolerance
±20%
Leakage Current
≤3 √CV µA,5 mA max, 5 minutes
Ripple Current Multipliers
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 3 (350–500 Vdc)
Endurance Life Test
5000 h at full load at 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
500 h at 85 °C
Capacitance 100% of limit
ESR 100% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 1.5 h each of 2 axes
RoHS Compliant
Frequency
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & up
2 & 2½" diameters
350 V
0.78 0.83
1.00
1.20
1.29
1.34
1.35
400–500 V
0.77 0.82
1.00
1.22
1.33
1.39
1.40
3 & 3½" diameters
350 V
0.84 0.88
1.00
1.12
1.17
1.20
1.20
400–500 V
0.79 0.84
1.00
1.18
1.26
1.31
1.32
45 °C 55 °C 65 °C 75 °C 85 °C
2.00 1.82
1.59
1.33 1.00
Ambient Temperature
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 500R472M350DN2GS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500R472M350DC2E CDE-500R472M350DC2E Datasheet
201Kb / 7P
New Higher Ripple Current than Type 500C Screw Terminal Type
More results

Similar Description - 500R472M350DN2GS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEG1AU683P PANASONIC-ECEG1AU683P Datasheet
88Kb / 5P
Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
Screw Terminal Type
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
Screw Terminal Type
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
Screw Terminal Type
EEGXB2V222G PANASONIC-EEGXB2V222G Datasheet
60Kb / 3P
Screw Terminal Type
logo
Cornell Dubilier Electr...
500R222M350BC2B CDE-500R222M350BC2B Datasheet
201Kb / 7P
New Higher Ripple Current than Type 500C Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
High Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
Ultra-Ripple, Long Life Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
High Ripple, Long Life Screw Terminal Type
550C CDE-550C_17 Datasheet
380Kb / 7P
Ultra-Ripple, Long Life Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com